Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 18 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA600 Datasheet HTML 14Page - Texas Instruments INA600 Datasheet HTML 15Page - Texas Instruments INA600 Datasheet HTML 16Page - Texas Instruments INA600 Datasheet HTML 17Page - Texas Instruments INA600 Datasheet HTML 18Page - Texas Instruments INA600 Datasheet HTML 19Page - Texas Instruments INA600 Datasheet HTML 20Page - Texas Instruments INA600 Datasheet HTML 21Page - Texas Instruments INA600 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 39 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V), VIN = (VIN+ – VIN–) = 0V, RL = 10kΩ, VREF = VS / 2, VCM =
(VIN+ + VIN–) / 2 = VS / 2, VOUT = VS / 2, and G = 1/5 (unless otherwise noted)
Time (10 s/div)
-80
-60
-40
-20
0
20
40
60
80
G = 1/36 V/V
Vs = 20V
CL = 100pF
Figure 6-49. Small-Signal Step Response (INA600F)
Capacitive load (pF)
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
45
50
G = 1/5 V/V
Vs = 20 V
VOUT = 100 mVPP
RISO = 0 , Overshoot (+)
RISO = 50 , Overshoot (+)
RISO = 0 ,Overshoot (-)
RISO = 50 , Overshoot (-)
Figure 6-50. Small-Signal Overshoot vs Capacitive Load
(INA600A)
Capacitive load (pF)
0
200
400
600
800
1000
5
10
15
20
25
30
35
40
G = 1/10 V/V
Vs = 20 V
VOUT = 100 mVPP
RISO = 0 , Overshoot (+)
RISO = 50 , Overshoot (+)
RISO = 0 , Overshoot (-)
RISO = 50 , Overshoot (-)
Figure 6-51. Small-Signal Overshoot vs Capacitive Load
(INA600B)
Capacitive load (pF)
0
200
400
600
800
1000
0
5
10
15
20
25
30
35
40
G = 1/36 V/V
Vs = 20 V
VOUT = 100 mVPP
RISO = 0 , Overshoot (+)
RISO = 50 , Overshoot (+)
RISO = 0 , Overshoot (-)
RISO = 50 , Overshoot (-)
Figure 6-52. Small-Signal Overshoot vs Capacitive Load
(INA600F)
Time (50 s/div)
-12
-1.6
-9
-1.2
-6
-0.8
-3
-0.4
0
0
3
0.4
6
0.8
9
1.2
12
1.6
Vin
Vout
Figure 6-53. Overload Recovery (INA600A)
Time (500
s/div)
-8
-1.6
-6
-1.2
-4
-0.8
-2
-0.4
0
0
2
0.4
4
0.8
6
1.2
8
1.6
VIN
VOUT
Figure 6-54. No Phase Reversal (INA600A)
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
18
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com