Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA600 Datasheet HTML 6Page - Texas Instruments INA600 Datasheet HTML 7Page - Texas Instruments INA600 Datasheet HTML 8Page - Texas Instruments INA600 Datasheet HTML 9Page - Texas Instruments INA600 Datasheet HTML 10Page - Texas Instruments INA600 Datasheet HTML 11Page - Texas Instruments INA600 Datasheet HTML 12Page - Texas Instruments INA600 Datasheet HTML 13Page - Texas Instruments INA600 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 39 page
background image
6.8 Typical Characteristics
at TA = 25°C, VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V), VIN = (VIN+ – VIN–) = 0V, RL = 10kΩ, VREF = VS / 2, VCM =
(VIN+ + VIN–) / 2 = VS / 2, VOUT = VS / 2, and G = 1/5 (unless otherwise noted)
Output Offset Voltage (mV)
0
4
8
12
16
20
-4.5
-3.5
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
G = 1/5 V/V
Vs = 1.35V
N = 550
Mean = 0.131 mV
Std. Dev. = 728.75 V
Figure 6-1. Typical Distribution of Output-Referred Offset
Voltage (INA600A, VS = ±1.35V)
Output Offset Voltage (mV)
-5
-4
-3
-2
-1
0
1
2
3
4
5
0
4
8
12
16
20
G = 1/5 V/V
Vs = 20V
N = 550
Mean = 0.139 mV
Std. Dev. = 729.49 V
Figure 6-2. Typical Distribution of Output-Referred Offset
Voltage (INA600A, VS = ±20V)
Output Offset Voltage Drift (µV/
C)
0
4
8
12
16
20
24
-10
-7.5
-5
-2.5
0
2.5
5
7.5
10
G = 1/5 V/V
Vs = 20 V
N = 30
Mean = -0.04
V/C
Std. Dev. = 1.61
V/C
Figure 6-3. Typical Distribution of Output Offset Voltage Drift
(INA600A)
Gain Error (%)
0
12
24
36
48
60
-0.1
-0.075 -0.05 -0.025
0
0.025
0.05
0.075
0.1
G = 1/5 V/V
Vs = 20V
N = 550
Mean = -0.00216 %
Std. Dev. = 0.0047 %
Figure 6-4. Typical Distribution of Gain Error (INA600A)
Output Referred Power Supply Rejection Ratio ( V/V)
0
12
24
36
48
60
-25
-20
-15
-10
-5
0
5
10
15
20
25
G = 1/5 V/V
Vs = 1.35V to 20V
N = 550
Mean = 0.164 V/V
Std. Dev. = 0.852 V/V
Figure 6-5. Typical Distribution of PSRR (INA600A)
Output Referred Common-Mode Rejection Ratio (
V/V)
0
4
8
12
16
20
-25
-20
-15
-10
-5
0
5
10
15
20
25
G = 1/5 V/V
VS = 20 V
N = 550
Mean = -1.85
V/V
Std. Dev. = 4.29
V/V
Figure 6-6. Typical Distribution of CMRR (INA600A)
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
10
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com