Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 27 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 27 Page - Texas Instruments

Back Button INA600 Datasheet HTML 23Page - Texas Instruments INA600 Datasheet HTML 24Page - Texas Instruments INA600 Datasheet HTML 25Page - Texas Instruments INA600 Datasheet HTML 26Page - Texas Instruments INA600 Datasheet HTML 27Page - Texas Instruments INA600 Datasheet HTML 28Page - Texas Instruments INA600 Datasheet HTML 29Page - Texas Instruments INA600 Datasheet HTML 30Page - Texas Instruments INA600 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 39 page
background image
8.2.1.1 Design Requirements
For this application, the design requirements are as provided in Table 8-1.
Table 8-1. Design Requirements
DESCRIPTION
VALUE
Battery voltage
VBAT = 48V
Supply voltage
VS = 5V
Full-scale range of ADC
VADC(fs) = VOUT = 5V
Quiescent current
125μA
ADC Resolution
8 bits
Effective number of bis (ENOB)
7.5 bits
Common-mode rejection ratio
80dB or a factor of 10000
8.2.1.2 Detailed Design Procedure
This section provides basic calculations for the INA600B difference amplifier with respect to the given design
requirements.
Firstly, the 48V battery voltage must be attenuated and interfaced to ADC reference voltage of 5V. This requires
a G = 1/10 or 0.10V/V and therefore the INA600B is chosen for the application.
Gain= VADCVBAT= 548isapproximately0.10
(1)
The maximum common-mode range of INA600 in a gain of 1/10 at 5V supply is given to be (V–) + 55V from the
INA600B Electrical Characteristics table.
This is well within the requirements for sensing 48V battery voltage and the common-mode rejection ratio
(CMRR) referred to output is a minimum of 95dB as per INA600B Electrical Characteristics table. This
corresponds to a attenuation factor of
156234.Thishelpsattenuatethe100mVcommon-modeerrorshownin
the Figure 8-2 to just under 2μV.
When referring to the INA600B output, Equation 2 calculates the common-mode error, RTO to approximately
2µV.
CMErr_RTO=100mV56231≅2μV
(2)
Next, INA600B has input impedance of 1.2MΩ as per the Electrical Characteristics table. Assuming a full battery
voltage of 48V, the input current through the resistor is calculated as:
IRIN= VBATRIN= 481.20M=40μA
(3)
This input current through the resistor adds to the amplifier quiescent current of 65μA resulting in a total current
consumption of 105μA, which meets the design requirement of 125μA.
Itotal=IRIN+IQ
(4)
The next step is to calculate the other error sources in the application. Maximum gain error and offset error as
per Electrical Characteristics table are 0.05% and 3.0mV for the Gain = 0.2V/V.
TotalError= 0.0005×482+0.00302=24.2mV
(5)
For an 8-bit, 5V ADC, VLSB is calculated as:
www.ti.com
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com