Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 24 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 24 Page - Texas Instruments

Back Button INA600 Datasheet HTML 20Page - Texas Instruments INA600 Datasheet HTML 21Page - Texas Instruments INA600 Datasheet HTML 22Page - Texas Instruments INA600 Datasheet HTML 23Page - Texas Instruments INA600 Datasheet HTML 24Page - Texas Instruments INA600 Datasheet HTML 25Page - Texas Instruments INA600 Datasheet HTML 26Page - Texas Instruments INA600 Datasheet HTML 27Page - Texas Instruments INA600 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 39 page
background image
Thus, the maximum gain error specification in the Electrical Characteristics table is relaxed beyond 6σ guard
band to be ±0.05%.
7.3.5 Electrical Overstress
Designers often ask questions about the capability of an operational amplifier to withstand electrical overstress.
These questions tend to focus on the device inputs, but can involve the supply voltage pins or even the output
pin. Each of these different pin functions have electrical stress limits determined by the voltage breakdown
characteristics of the particular semiconductor fabrication process and specific circuits connected to the pin.
Additionally, internal electrostatic discharge (ESD) protection is built into these circuits to protect them from
accidental ESD events both before and during product assembly.
Having a good understanding of this basic ESD circuitry and the relevance to an electrical overstress event
is helpful. Figure 7-5 shows the ESD circuits contained in the INA600 devices. On the input pins, the ESD
protection circuitry involves local high impedance diode structures and do not route the ESD current to power
supply ESD cell. On the output pin, there are reverse biased diodes to both the power supply rails. These diode
structures route the ESD current back to the internal power supply lines, where there is an absorption power
supply ESD cell internal to the difference amplifier. On the reference pin, the ESD protection is local and does
not route current to the power supply ESD cell.
All of the ESD protection circuitry is intended to remain inactive during normal circuit operation.
+
–
V+
V–
+IN
– IN
OUT
Power Supply
ESD Cell
REF
Figure 7-5. Equivalent Internal ESD Circuitry
7.4 Device Functional Modes
The INA600 has only one functional mode. The device powers on, starts drawing quiescent current and is
functional as long as the power supply voltages are in the recommended operating voltage range of 2.7V
(±1.35V) to 40V (±20V). Operational temperature range of INA600 is from –40°C to 125°C.
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
24
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com