Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA600 Datasheet HTML 26Page - Texas Instruments INA600 Datasheet HTML 27Page - Texas Instruments INA600 Datasheet HTML 28Page - Texas Instruments INA600 Datasheet HTML 29Page - Texas Instruments INA600 Datasheet HTML 30Page - Texas Instruments INA600 Datasheet HTML 31Page - Texas Instruments INA600 Datasheet HTML 32Page - Texas Instruments INA600 Datasheet HTML 33Page - Texas Instruments INA600 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
8.4.2 Layout Example
Use ground pours for
shielding the input
signal pairs
1
IN+
6
V+
2
V
5
REF
3
IN
4
OUT
C1
C2
GND
GND
+V
–IN
+IN
OUT
–
V
+IN
–IN
+V
OUT
–V
C1
C2
INA600
GND
GND
Low-impedance
connection for REF
terminal
REF
Place bypass
capacitors as close to
IC as possible
GND
Figure 8-4. Example Schematic and Associated PCB Layout for DBV Package
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com