Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA600 Datasheet HTML 24Page - Texas Instruments INA600 Datasheet HTML 25Page - Texas Instruments INA600 Datasheet HTML 26Page - Texas Instruments INA600 Datasheet HTML 27Page - Texas Instruments INA600 Datasheet HTML 28Page - Texas Instruments INA600 Datasheet HTML 29Page - Texas Instruments INA600 Datasheet HTML 30Page - Texas Instruments INA600 Datasheet HTML 31Page - Texas Instruments INA600 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
VLSB= 528=19.5mV
(6)
The total error of 24.2mV that was calculated is approximately 1.25LSB of ADC full scale voltage of 5V and
hence achieves almost 8 bits (approximately 7.998) of ENOB, comfortably meeting the requirement of 7.5 bits.
Note that the errors across temperature are not calculated here but can be easily included in the error
analysis based on the drift specifications provided in the Electrical Characteristics table as per the temperature
requirements of the application. These drift errors and noise often do not heavily affect the performance at 8-bit
accuracy levels. Finally, calibration of offset and gain error can improve the accuracy beyond 10 to 12 bits as
these factors can be the major sources of error in the application.
8.2.1.3 Application Curves
The following typical characteristic curve is for the circuit in Figure 8-2.
Battery Voltage (V)
0
5
10
15
20
25
30
35
40
45
50
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
Figure 8-3. Battery Input Voltage vs INA600B Output Voltage
8.3 Power Supply Recommendations
The nominal performance of the INA600 is specified with a midsupply reference voltage from ±1.35 (2.7V) to
±20V (40V). The device also operates using non-midsupply reference voltages with good performance. Many
specifications apply from –40°C to +125°C. The Electrical Characteristics table presents parameters that can
exhibit significant variance because of operating voltage or temperature.
Add low-ESR ceramic bypass capacitors (CBYP) between each supply pin and ground. Only one CBYP is
sufficient for single supply operation. Place the CBYP as close to the device as possible to reduce coupling
errors from noisy or high-impedance power supplies. Verify the power supply trace routes through CBYP before
reaching the amplifier power supply terminals. For more information, see the Layout Guidelines.
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
28
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com