Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 20 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA600 Datasheet HTML 16Page - Texas Instruments INA600 Datasheet HTML 17Page - Texas Instruments INA600 Datasheet HTML 18Page - Texas Instruments INA600 Datasheet HTML 19Page - Texas Instruments INA600 Datasheet HTML 20Page - Texas Instruments INA600 Datasheet HTML 21Page - Texas Instruments INA600 Datasheet HTML 22Page - Texas Instruments INA600 Datasheet HTML 23Page - Texas Instruments INA600 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 39 page
background image
7 Detailed Description
7.1 Overview
The INA600 is a voltage-sensing difference amplifier with precision matched resistors that offer attenuating gain
options. The precision matched integrated resistors saves bill of materials (BOM) costs and board space by
removing the need for precise and low-tolerance external resistors. The device achieves ±0.05% maximum gain
error, 5ppm/°C maximum gain drift, and 92dB of minimum common-mode rejection ratio (G = 1/5). The INA600
does not typically require calibration when used in 8-bit to 10-bit systems. Further calibration of offset and gain
error at a system level helps improve system resolution and accuracy, enabling use in higher resolution systems.
High input impedance of >1MΩ with just 65μA of quiescent current makes the INA600 very useful in single-cell,
battery-monitoring applications. Referred to negative rail, the device handles input voltages up to –40V to +85V
and attenuates the voltage down with great accuracy. The device rejects any common-mode errors such as
ground bounce, switching ripples, and AC mains and is capable of interfacing the attenuated voltage to the
low-voltage, low-speed ADCs. Most errors (including offset, offset drift, CMRR, and noise) are referred to the
output. Doing so enables easy calculation of the signal-to-noise ratio (SNR) and effective number of bits (ENOB)
closer to the analog-to-digital converter (ADC).
The INA600 is offered in six attenuating gain options across six variants. The INA600A version offers the
lowest attenuation gain option of 1/5, whereas the INA600F offers the highest attenuation gain option of 1/36.
The INA600 gain options are designed for level translation applications that interface with a wide variety of
differential and single-ended high-voltage signals. Differential signals include ±24V, ±12V, ±10V, ±5V, and so
forth. Single-ended signals include 0V to 48V, 0V to 24V, 0V to 12V, 0V to 10V, 0V to 5V, and so forth, These
high-voltage signals are level translated into a wide variety of low-voltage (0V to 5V, 0V to 3.3V, 0V to 2.5V, and
so forth) ADC ranges. This is useful in a variety of end equipments and applications where multiple high-voltage
signals and supply domains are monitored. Examples include battery testers, solar string inverters, power tools,
analog input modules, and battery energy storage systems. The device also has enough bandwidth (≥200kHz) to
directly drive low-speed (≤10kSPS) ADCs.
The INA600 is designed for space-constrained applications such as robotics, power banks, and chargers. As
such, the device saves valuable PCB area compared to the discrete implementation of difference amplifiers. For
easy use in automotive and industrial applications, the device is available in standard, leaded packages such as
SOT-23 and SC70.
7.2 Functional Block Diagram
+
–
RIN
V+
OUT
V─
IN─
IN+
REF
Based on gain
Based on gain
RIN
Figure 7-1. INA600 Simplified Internal Schematic
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
20
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com