Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 14 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA600 Datasheet HTML 10Page - Texas Instruments INA600 Datasheet HTML 11Page - Texas Instruments INA600 Datasheet HTML 12Page - Texas Instruments INA600 Datasheet HTML 13Page - Texas Instruments INA600 Datasheet HTML 14Page - Texas Instruments INA600 Datasheet HTML 15Page - Texas Instruments INA600 Datasheet HTML 16Page - Texas Instruments INA600 Datasheet HTML 17Page - Texas Instruments INA600 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 39 page
background image
6.8 Typical Characteristics (continued)
at TA = 25°C, VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V), VIN = (VIN+ – VIN–) = 0V, RL = 10kΩ, VREF = VS / 2, VCM =
(VIN+ + VIN–) / 2 = VS / 2, VOUT = VS / 2, and G = 1/5 (unless otherwise noted)
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
30
40
50
60
70
80
G = 1/5 V/V
Vs = 1.35 V
Vs = 5 V
Vs = 20 V
Figure 6-25. Quiescent Current vs Temperature
Te mperature (
C)
-40
-20
0
20
40
60
80
100
120
140
110
115
120
125
130
135
140
Vs = 20 V
G = 1/5
G = 1/10
G = 1/36
Figure 6-26. CMRR vs Temperature
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
100
200
300
400
500
G = 1/5
G = 1/10
G = 1/36
Figure 6-27. Offset Voltage vs Supply Voltage
Supply Voltage (V)
0
4
8
12
16
20
24
28
32
36
40
30
40
50
60
70
80
90
G = 1/5
G = 1/36
Figure 6-28. Quiescent Current vs Supply Voltage
Common-Mode Voltage (V)
-60
-40
-20
0
20
40
60
80
-3000
-1000
1000
3000
5000
7000
G = 1/5 V/V
Vs = 20 V
16 units
Mean
+3
-3
Figure 6-29. Output-Referred Offset Voltage vs Common-Mode
Voltage (INA600A)
Common-Mode Voltage (V)
-60
-40
-20
0
20
40
60
80
-1000
-500
0
500
1000
1500
2000
2500
G = 1/10 V/V
Vs = 20 V
12 units
Mean
+3
-3
Figure 6-30. Output-Referred Offset Voltage vs Common-Mode
Voltage (INA600B)
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
14
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com