Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA600 Datasheet HTML 2Page - Texas Instruments INA600 Datasheet HTML 3Page - Texas Instruments INA600 Datasheet HTML 4Page - Texas Instruments INA600 Datasheet HTML 5Page - Texas Instruments INA600 Datasheet HTML 6Page - Texas Instruments INA600 Datasheet HTML 7Page - Texas Instruments INA600 Datasheet HTML 8Page - Texas Instruments INA600 Datasheet HTML 9Page - Texas Instruments INA600 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
6.5 Electrical Characteristics - INA600A (continued)
For VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V) at TA = 25°C, VREF = VS / 2, G = 1/5, RL = 10kΩ connected to VS / 2,
VCM = (VIN+ + VIN–) / 2 = VS / 2, VIN = (VIN+ – VIN–) = 0V and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
Positive and negative rail
headroom
VS = 40V, VREF = VS, RL = 10kΩ to VMID
80
150
mV
VOL
VS = 40V, VREF = VS, RL = 2kΩ to VMID
400
650
mV
CL Drive Load capacitance drive
VO = 100mV step, Overshoot < 20%
200
pF
ZO
Closed-loop output
impedance
f = 10kHz
50
Ω
ISC
Short-circuit current
VS = 40V
±50
mA
FREQUENCY RESPONSE
BW
Bandwidth, –3dB
VIN = 10mVpk-pk
225
kHz
THD + N
Total harmonic distortion +
noise
VS = 40V, VREF = 2.5V, VO = 5VPP, RL = 100kΩ
ƒ = 1kHz, 80kHz measurement BW
0.03
%
EMIRR
Electro-magnetic
interference rejection ratio
f = 1GHz, VIN_EMIRR = 100mV, Differential Mode
125
dB
SR
Slew rate
VS = 40V, VO = 1V step
0.32
V/µs
tS
Settling time
To 0.1%, VS = 40V, VOUT_STEP = 1V, CL = 10pF
10
µs
tS
Settling time
To 0.01%, VS = 40V, VOUT_STEP = 1V, CL = 10pF
16
µs
tS
Settling time
To 0.1%, VS = 40V, VOUT_STEP = 5V, CL = 10pF
18
µs
tS
Settling time
To 0.01%, VS = 40V, VOUT_STEP = 5V, CL = 10pF
24
µs
Overload recovery
VS = 2.7V, VIN– = 0V, VIN+ = 85V, and VREF = VS / 2
7.5
µs
REFERENCE INPUT
REF -
VIN
Input voltage range
VS = 40V, VREF = VMID
(V–)
(V+)
V
REF - G Reference gain to output
1
V/V
REF -
GE
Reference gain error(2)
VS = 40V
±0.002
±0.05
%
POWER SUPPLY
VS
Power-supply voltage
Dual-supply
±1.35
±20
V
IQ
Quiescent current
VS = 2.7V
50
µA
IQ
Quiescent current
VS = 40V
65
90
µA
VS = 40V
TA = –40°C to 125°C
95
(1)
Offset drifts are uncorrelated.
(2)
Minimum and maximum values are specified by characterization.
6.6 Electrical Characteristics - INA600B
For VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V) at TA = 25°C, VREF = VS / 2, G = 1/10, RL = 10kΩ connected to VS / 2,
VCM = (VIN+ + VIN–) / 2 = VS / 2, VIN = (VIN+ – VIN–) = 0V and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFFSET
VOSO
Offset voltage, RTO
VS = 2.7V and 40V
TA = 25°C
±0.6
±3.0
mV
Offset voltage over T,
RTO
TA = –40°C to 125°C
±3.5
mV
Offset temp drift, RTO(1)
TA = –40°C to 125°C
±1.5
±7
µV/°C
PSRR
Power-supply rejection
ratio, RTO
VS = 4V to 40V
TA = 25°C
2.5
10
µV/V
PSRR
Power-supply rejection
ratio, RTO
VS = 2.7V to 40V
TA = 25°C
3
15
µV/V
INPUT IMPEDANCE
RIN-DM
Differential Resistance
2400
kΩ
RIN-CM
Common-mode
Resistance
635
kΩ
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com