Electronic Components Datasheet Search
  English  ▼

X  

INA600 Datasheet(PDF) 9 Page - Texas Instruments

Part # INA600
Description  INA600 Low-Power, 2.7V to 40V Attenuating Difference Amplifier With >1MΩ Input Impedance for Cost-Optimized Designs
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA600 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA600 Datasheet HTML 5Page - Texas Instruments INA600 Datasheet HTML 6Page - Texas Instruments INA600 Datasheet HTML 7Page - Texas Instruments INA600 Datasheet HTML 8Page - Texas Instruments INA600 Datasheet HTML 9Page - Texas Instruments INA600 Datasheet HTML 10Page - Texas Instruments INA600 Datasheet HTML 11Page - Texas Instruments INA600 Datasheet HTML 12Page - Texas Instruments INA600 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
6.7 Electrical Characteristics - INA600F (continued)
For VS = (V+) – (V–) = 2.7V to 40V (±1.35V to ±20V) at TA = 25°C, VREF = VS / 2, G = 1/36, RL = 10kΩ connected to VS / 2,
VCM = (VIN+ + VIN–) / 2 = VS / 2, VIN = (VIN+ – VIN–) = 0V and VOUT = VS / 2 (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD + N
Total harmonic distortion +
noise
VS = 40V, VREF = 2.5V, VO = 1VPP, RL = 100kΩ
ƒ = 1kHz, 80kHz measurement BW
0.03
%
EMIRR
Electro-magnetic
interference rejection ratio
f = 1GHz, VIN_EMIRR = 100mV, Differential Mode
130
dB
SR
Slew rate
VS = 40V, VO = 1V step
0.14
V/µs
tS
Settling time
To 0.1%, VS = 40V, VOUT_STEP = 1V, CL = 10pF
17
µs
tS
Settling time
To 0.01%, VS = 40V, VOUT_STEP = 1V, CL = 10pF
22
µs
Overload recovery
VS = 2.7V, VIN– = 0V, VIN+ = 85V, and VREF = VS / 2
13
µs
REFERENCE INPUT
REF -
VIN
Input voltage range
VS = 40V, VREF = VMID
(V–)
(V+)
V
REF - G Reference gain to output
1
V/V
REF -
GE
Reference gain error(2)
VS = 40V
±0.002
±0.05
%
POWER SUPPLY
VS
Power-supply voltage
Dual-supply
±1.35
±20
V
IQ
Quiescent current
VS = 2.7V
50
µA
IQ
Quiescent current
VS = 40V
65
90
µA
VS = 40V
TA = –40°C to 125°C
95
(1)
Offset drifts are uncorrelated.
(2)
Minimum and maximum values are specified by characterization.
www.ti.com
INA600
SBOSAM3A – JULY 2025 – REVISED AUGUST 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: INA600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com