Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 2 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 2 Page - Texas Instruments

  LMV2421 Datasheet HTML 1Page - Texas Instruments LMV2421 Datasheet HTML 2Page - Texas Instruments LMV2421 Datasheet HTML 3Page - Texas Instruments LMV2421 Datasheet HTML 4Page - Texas Instruments LMV2421 Datasheet HTML 5Page - Texas Instruments LMV2421 Datasheet HTML 6Page - Texas Instruments LMV2421 Datasheet HTML 7Page - Texas Instruments LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 4
5.1 Absolute Maximum Ratings........................................ 4
5.2 Recommended Operating Conditions.........................4
5.3 Electrical Characteristics for 2.6V............................... 4
5.4 Electrical Characteristics for 5V.................................. 5
5.5 Timing Diagram...........................................................7
5.6 Typical Characteristics................................................ 8
6 Detailed Description......................................................12
6.1 Functional Block Diagram......................................... 12
7 Application and Implementation.................................. 13
7.1 Application Information............................................. 13
7.2 Typical Application.................................................... 17
8 Device and Documentation Support............................18
8.1 Receiving Notification of Documentation Updates....18
8.2 Support Resources................................................... 18
8.3 Trademarks...............................................................18
8.4 Electrostatic Discharge Caution................................18
8.5 Glossary....................................................................18
9 Revision History............................................................ 18
10 Mechanical, Packaging, and Orderable
Information.................................................................... 18
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com