Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMV2421 Datasheet HTML 5Page - Texas Instruments LMV2421 Datasheet HTML 6Page - Texas Instruments LMV2421 Datasheet HTML 7Page - Texas Instruments LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments LMV2421 Datasheet HTML 10Page - Texas Instruments LMV2421 Datasheet HTML 11Page - Texas Instruments LMV2421 Datasheet HTML 12Page - Texas Instruments LMV2421 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
5.6 Typical Characteristics (continued)
at VDD = 2.6V and TJ = 25°C (unless otherwise noted)
400
800
1200
1600
2000
FREQUENCY (MHz)
-1.80
-1.75
-1.70
-1.65
-1.60
-1.55
-1.50
-40°C
85°C
25°C
Figure 5-8. Logarithmic Slope vs Frequency
400
800
1200
1600
2000
FREQUENCY (MHz)
-53.0
-52.5
-52.0
-51.5
-51.0
-50.5
-50.0
-49.5
-40°C
25°C
85°C
Figure 5-9. Logarithmic Intercept vs Frequency
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
FREQUENCY (GHz)
-20
-10
0
10
20
30
40
50
60
X
R
Figure 5-10. RF Input Impedance vs Frequency at Resistance
and Reactance
10k
100k
1M
10M
100M
FREQUENCY (Hz)
-40
-20
0
20
40
60
80
-60
-30
0
30
60
90
120
GAIN
PHASE
Figure 5-11. Gain and Phase vs Frequency
0
0.25 0.5 0.75
1
1.25 1.5 1.75
2
-40
160
VRAMP (V)
-20
0
20
40
60
80
100
120
140
Figure 5-12. ICOMP vs VRAMP
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
-60
40
VRAMP (V)
-50
-40
-30
-20
-10
0
10
20
30
MAX PA OUTPUT LEVEL
Figure 5-13. PIN vs VRAMP
www.ti.com
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com