Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 13 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LMV2421 Datasheet HTML 9Page - Texas Instruments LMV2421 Datasheet HTML 10Page - Texas Instruments LMV2421 Datasheet HTML 11Page - Texas Instruments LMV2421 Datasheet HTML 12Page - Texas Instruments LMV2421 Datasheet HTML 13Page - Texas Instruments LMV2421 Datasheet HTML 14Page - Texas Instruments LMV2421 Datasheet HTML 15Page - Texas Instruments LMV2421 Datasheet HTML 16Page - Texas Instruments LMV2421 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
7 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
7.1 Application Information
7.1.1 Power-Control Principles
The LMV242x are members of TI's RF power detector with PA controller family for quad-band TDMA and GSM
systems. Section 7.2 demonstrates a basic approach for implementing the quad-band design example around
an RF power amplifier (PA) using the LMV242. The LMV242x contain a 50dB log RF detector and interface
directly with the directional coupler.
The LMV242x baseband (control) interface consists of three signals: TX_EN to enable the device, BS (LMV242
only) to select either output 1 or output 2, and VRAMP to set the RF output power to the specified level.
The LMV242x give maximum flexibility to meet GSM frequency and time-mask criteria for many different
single-supply PA types, such as HBT or MESFET in GaAs, SiGe, or Si technology. These criteria are met
by the programmable ramp characteristic from the baseband and the TX_EN signal along with the external
compensation capacitor.
7.1.2 Power Amplifier Controlled Loop
This section gives a general overview and understanding of how a typical PA control loop works, and how to
solve the most common problems confronted in the design.
7.1.2.1 General Overview
The key benefit of a PA control-loop circuit is immunity to changes in the PA gain-control function. When a PA
controller is used, the relationship between gain and gain control voltage (VAPC) of the PA is of no consequence
to the overall transfer function. The overall transfer function is a function of the VRAMP voltage of the controller.
Based upon the value of VRAMP, the PA controller sets the gain control voltage of the PA to a level that is
necessary to produce the desired output level. Any temperature dependency in the PA gain control function is
eliminated. Also, nonlinearity in the gain transfer function of the PA do not appear in the overall transfer function
(POUT vs VRAMP). The only requirement is that the gain control function of the PA has to be monotonic. To
achieve this monotonic gain control function, ensure that the LMV242x detector is temperature stable.
7.1.2.2 Typical PA Closed Loop Control Setup
Figure 7-1 depicts a typical setup of a power amplifier (PA) control loop. Beginning at the output of the PA, this
input is input to a detector, typically through a directional coupler. The error between detector output current
IDET and ramp current IRAMP, representing the selected power setting, drives the inverting input of an op amp
configured as an integrator. A reference voltage drives the noninverting input of the op amp. Finally, the output of
the integrator op amp drives the gain control input of the power amplifier, which sets the output power. The loop
stabilizes when IDET is equal to IRAMP.
www.ti.com
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com