Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 7 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LMV2421 Datasheet HTML 3Page - Texas Instruments LMV2421 Datasheet HTML 4Page - Texas Instruments LMV2421 Datasheet HTML 5Page - Texas Instruments LMV2421 Datasheet HTML 6Page - Texas Instruments LMV2421 Datasheet HTML 7Page - Texas Instruments LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments LMV2421 Datasheet HTML 10Page - Texas Instruments LMV2421 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
5.5 Timing Diagram
To meet the time mask specifications for GSM, a good timing between the control signals and the RF signal
is essential. According to the specifications the PA RF output power needs to ramp within 28μs with minimum
overshoot. To achieve this, ramp the output of the PA controller at the same time as the RF signal from the
baseband. The ramp signal sets the controllers output to the required value, where the loop requires a certain
time to set this output. Therefore, set the VRAMP pin to the desired value some time before the desired output.
How much time depends on the setup and the PA used. If the controllers shutdown functionality is used, then set
the shutdown high about 6μs before the ramp is set high.
The control loop can be configured by the following variables:
• Lead time TX_EN event vs start GSM burst
• Lead time VRAMP vs start GSM burst
• Ramp profile
• Loop compensation
RF SIGNAL
TX_EN
VRAMP
OUT
6µs
Minimum
Figure 5-1. Timing VRAMP vs RF Signal
www.ti.com
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com