Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 8 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMV2421 Datasheet HTML 4Page - Texas Instruments LMV2421 Datasheet HTML 5Page - Texas Instruments LMV2421 Datasheet HTML 6Page - Texas Instruments LMV2421 Datasheet HTML 7Page - Texas Instruments LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments LMV2421 Datasheet HTML 10Page - Texas Instruments LMV2421 Datasheet HTML 11Page - Texas Instruments LMV2421 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
5.6 Typical Characteristics
at VDD = 2.6V and TJ = 25°C (unless otherwise noted)
2.5
3
3.5
4
4.5
5
5.5
SUPPLY VOLTAGE (V)
4
5
6
7
8
9
10
11
85°C
-40°C
25°C
Figure 5-2. Supply Current vs Supply Voltage
-70 -60 -50 -40 -30 -20 -10
0
10
20
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
3
4
5
VOUT
ERROR
900 MHz
1800 MHz
1900 MHz
2000 MHz
Figure 5-3. VOUT and Log Conformance vs RF Input Power
-70 -60 -50 -40 -30 -20 -10
0
10
20
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
3
4
5
VOUT
ERROR
-40°C
25°C
85°C
25°C
85°C
-40°C
Figure 5-4. VOUT and Log Conformance vs RF Input Power at
900MHz
-70 -60 -50 -40 -30 -20 -10
0
10
20
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
3
4
5
VOUT
ERROR
-40°C
25°C
85°C
25°C
85°C
-40°C
Figure 5-5. VOUT and Log Conformance vs RF Input Power at
1800MHz
-70 -60 -50 -40 -30 -20 -10
0
10
20
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
3
4
5
VOUT
ERROR
-40°C
25°C
85°C
25°C
85°C
-40°C
Figure 5-6. VOUT and Log Conformance vs RF Input Power at
1900MHz
-70 -60 -50 -40 -30 -20 -10
0
10
20
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
RF INPUT POWER (dBm)
-5
-4
-3
-2
-1
0
1
2
3
4
5
VOUT
ERROR
25°C
85°C
25°C
85°C
-40°C
-40°C
Figure 5-7. VOUT and Log Conformance vs RF Input Power at
2000MHz
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com