Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV2421 Datasheet HTML 2Page - Texas Instruments LMV2421 Datasheet HTML 3Page - Texas Instruments LMV2421 Datasheet HTML 4Page - Texas Instruments LMV2421 Datasheet HTML 5Page - Texas Instruments LMV2421 Datasheet HTML 6Page - Texas Instruments LMV2421 Datasheet HTML 7Page - Texas Instruments LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments LMV2421 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
5.4 Electrical Characteristics for 5V (continued)
all limits specified to TJ = 25°C and VDD = 5V (unless otherwise noted); boldface limits apply at temperature extremes (1).
SYMBOL
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
IOUT RAMP
Ramp amplifier output current
VRAMP = 2V
100
168
µA
RF INPUT
PIN
RF input power range (4)
20kΩ || 68pF between COMP1 and COMP2
−50
0
dBm
−63
−13
dBV
Logarithmic slope (5)
At 900MHz, 20kΩ || 68pF between COMP1
and COMP2
−1.79
µA/dB
At 1800MHz, 20kΩ || 68pF between COMP1
and COMP2
–1.69
At 1900MHz, 20kΩ || 68pF between COMP1
and COMP2
−1.67
At 2000MHz, 20kΩ || 68pF between COMP1
and COMP2
–1.65
Logarithmic intercept (5)
At 900MHz, 20kΩ || 68pF between COMP1
and COMP2
–50.2
dBm
At 1800MHz, 20kΩ || 68pF between COMP1
and COMP2
–52.5
At 1900MHz, 20kΩ || 68pF between COMP1
and COMP2
–52.5
At 2000MHz, 20kΩ || 68pF between COMP1
and COMP2
–52.9
RIN
DC resistance
See (3)
55.7
Ω
ERROR AMPLIFIER
GBW
Gain-bandwidth product
See (3)
5.7
MHz
VO
Output swing from rail
From positive rail, sourcing,
IO = 7mA
31
80
105
mV
From negative rail sinking,
IO = −7mA
35
80
105
IO
Output short circuit current (6)
Sourcing, VO = 4.8V
15
31.5
mA
Sinking, VO = 0.2V
15
31.5
en
Output referred noise
fMEASURE = 10kHz,
RF input = 1800MHz, –10dBm, 20kΩ || 68pF
between COMP1 and COMP2, VOUT = 1.4V,
set by VRAMP (3)
770
nV/√Hz
SR
Slew rate
2.5
4.9
V/μs
(1)
Electrical table values apply only for factory testing conditions at the temperature indicated. Factory testing conditions result in very
limited self-heating of the device such that TJ = TA. No specification of parametric performance is indicated in the electrical tables
under conditions of internal self-heating where TJ > TA.
(2)
All limits are specified by design or statistical analysis.
(3)
Typical values represent the most likely parametric norm.
(4)
Power in dBV = dBm + 13 when the impedance is 50Ω.
(5)
Slope and intercept calculated from graphs VOUT vs RF input power where the current is obtained by division of the voltage by 20kΩ.
(6)
The output is not short-circuit protected internally. External protection is necessary to prevent overheating and destruction or adverse
reliability.
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
www.ti.com
6
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com