Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 3 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 3 Page - Texas Instruments

  LMV2421 Datasheet HTML 1Page - Texas Instruments LMV2421 Datasheet HTML 2Page - Texas Instruments LMV2421 Datasheet HTML 3Page - Texas Instruments LMV2421 Datasheet HTML 4Page - Texas Instruments LMV2421 Datasheet HTML 5Page - Texas Instruments LMV2421 Datasheet HTML 6Page - Texas Instruments LMV2421 Datasheet HTML 7Page - Texas Instruments LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
4 Pin Configuration and Functions
OUT1
OUT2
COMP2
VDD
RFIN
1
2
3
4
5
VRAMP
TX_EN
BS
COMP1
GND
6
7
8
9
10
Figure 4-1. LMV242: NGY Package, WSON-10
(Top View)
NC
OUT
COMP2
VDD
RFIN
1
2
3
4
5
VRAMP
TX_EN
GND
COMP1
GND
6
7
8
9
10
Figure 4-2. LMV2421: NGY Package, WSON-10
(Top View)
Table 4-1. Pin Functions
PIN
TYPE(1)
DESCRIPTION
NAME
NO.
LMV242
LMV2421
BS
8
—
Digital input(2)
Schmitt-triggered band select pin. When BS = H, channel 1 (OUT1) is
selected, when BS = L, channel 2 (OUT2) is selected.
COMP1
9
9
Compensation
Connects an external RC network between the COMP1 pin and the
COMP2 pin for an overall loop compensation and to control the closed
loop frequency response. Conventional loop stability techniques can be
used in selecting this network, such as bode plots. A good starting value
for the RC combination is C = 68pF and R = 0Ω.
COMP2
3
3
Compensation
Frequency compensation pin. The BS signal (LMV242 only) switches this
pin either to OUT1 or to OUT2.
GND
10
8, 10
Ground
Power ground
NC
—
1
—
No connect. Leave this pin floating.
OUT
—
2
Output
This pin is connected to the PA.
OUT1
1
—
Output
This pin is connected to the PA of either channel 1 or channel 2.
OUT2
2
—
Output
This pin is connected to the PA of either channel 1 or channel 2.
RFIN (3)
5
5
Analog input
RF input connected to the coupler output with optional attenuation to
detect the power amplifier (PA) and antenna RF power levels.
TX_EN
7
7
Digital input(2)
Schmitt-triggered logic input. A low shuts down the whole chip for battery-
saving purposes. A high enables the chip.
VDD
4
4
Power supply
Positive supply voltage
VRAMP (3)
6
6
Analog input
Sets the RF output power level. The useful input voltage range is from
0.2V to 1.8V, although voltages from 0V to VDD are allowed.
(1)
All inputs and outputs are referenced to GND (pin 10).
(2)
For the digital inputs, a low is < 0.8V and a high is > 1.8V.
(3)
RF power detection performed internally in the LMV242x; use an RF power coupler with optional extra attenuation.
www.ti.com
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com