Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 4 Page - Texas Instruments

  LMV2421 Datasheet HTML 1Page - Texas Instruments LMV2421 Datasheet HTML 2Page - Texas Instruments LMV2421 Datasheet HTML 3Page - Texas Instruments LMV2421 Datasheet HTML 4Page - Texas Instruments LMV2421 Datasheet HTML 5Page - Texas Instruments LMV2421 Datasheet HTML 6Page - Texas Instruments LMV2421 Datasheet HTML 7Page - Texas Instruments LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
Supply voltage 
VDD – GND
6.5V max
ESD tolerance (2)   
Human body model
2kV
Machine model
200V
Storage temperature
−65°C to +150°C
Junction temperature (3)
150°C max
Mounting temperature
Infrared or convection (20s)
235°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device can occur. Recommended Operating Conditions
indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For specifications and the
test conditions, see the Section 5.3.
(2)
Human body model: 1.5kΩ in series with 100pF.
(3)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA) / θJA. All numbers apply for packages soldered directly into a printed circuit board (PCB).
5.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
Supply voltage
2.6V to 5.5V
Operating temperature
−40°C to +85°C
VRAMP voltage
0V to 2V
RF frequency
450MHz to 2GHz
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device can occur. Recommended Operating Conditions
indicate conditions for which the device is intended to be functional, but specific performance is not ensured. For specifications and the
test conditions, see the Section 5.3.
5.3 Electrical Characteristics for 2.6V
all limits specified to TJ = 25°C and VDD = 2.6V (unless otherwise noted); boldface limits apply at temperature extremes (1)
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
IDD
Supply current
VOUT = (VDD – GND) / 2
6.9
9
12
mA
In shutdown (TX_EN = 0V)
VOUT = (VDD – GND) / 2
0.2
30
µA
VHIGH
Logic level to enable power
See (2)
1.8
V
VLOW
Logic level to disable power
See (2)
0.8
V
TON
Turn-on time from shutdown
3.6
6
μs
IEN, IBS
Current into TX_EN and BS pin
0.03
5
µA
RAMP AMPLIFIER
VRD
VRAMP deadband
155
206
265
mV
1/RRAMP
Transconductance
See(3)
70
96
120
µA/V
IOUT RAMP
Ramp amplifier output current
VRAMP = 2V
100
162
µA
RF INPUT
PIN
RF input power range (4)
20kΩ || 68pF between COMP1 and COMP2
−50
0
dBm
−63
−13
dBV
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com