Electronic Components Datasheet Search
  English  ▼

X  

LMV2421 Datasheet(PDF) 12 Page - Texas Instruments

Part # LMV2421
Description  LMV242x 450MHz to 2GHz, 50dB, Log RF Power Detectors With PA Control Outputs
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LMV2421 Datasheet HTML 8Page - Texas Instruments LMV2421 Datasheet HTML 9Page - Texas Instruments LMV2421 Datasheet HTML 10Page - Texas Instruments LMV2421 Datasheet HTML 11Page - Texas Instruments LMV2421 Datasheet HTML 12Page - Texas Instruments LMV2421 Datasheet HTML 13Page - Texas Instruments LMV2421 Datasheet HTML 14Page - Texas Instruments LMV2421 Datasheet HTML 15Page - Texas Instruments LMV2421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
6 Detailed Description
6.1 Functional Block Diagram
V/I
10dB
1
2
9
3
8
GND
COMP2
LMV2421
SINGLE OUTPUT
COMP1
NC
10dB
10dB
10dB
RAMP
CONVERTER
+
-
ERROR AMP
OUT
DETECTOR
VDD
VRAMP
6
7
10
4
5
TX_EN
GND
RFIN
Figure 6-1. LMV2421
VDD
VRAMP
V/I
10dB
1
2
9
3
6
7
10
8
4
5
BS
TX_EN
GND
RFIN
COMP2
LMV242
DUAL OUTPUT
COMP1
OUT1
10dB
10dB
10dB
RAMP
CONVERTER
+
-
ERROR AMP 2
OUT2
DETECTOR
+
-
ERROR AMP 1
SWITCH
Figure 6-2. LMV242
LMV242, LMV2421
SNWS014D – MARCH 2004 – REVISED JUNE 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LMV242 LMV2421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com