Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 17 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments INA300 Datasheet HTML 17Page - Texas Instruments INA300 Datasheet HTML 18Page - Texas Instruments INA300 Datasheet HTML 19Page - Texas Instruments INA300 Datasheet HTML 20Page - Texas Instruments INA300 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
The wide dynamic input range of the INA300 INA300 necessitates an adjustable hysteresis to ensure that the
device can be appropriately configured based on the specific operating conditions and application requirements.
Figure 7-7 illustrates the transition locations for the ALERT terminal based on where the input signal, VIN, is
measured relative the limit threshold, VLIMIT. The corresponding hysteresis levels and physical terminal settings
for the device are shown in Table 7-5.
VLIMIT
VLIMIT - Hysteresis
Alert
Output
VOUT
VIN
Figure 7-7. Typical Comparator Hysteresis
Table 7-5. Hysteresis Settings
HYSTERESIS
HYSTERESIS SETTING
Float
2 mV
GND
4 mV
VS
8 mV
7.3.6 Alert Output
The device ALERT terminal is an active-low, open-drain output. This output is designed to be pulled low when
the input conditions are detected as out-of-range. This open-drain output pin is recommended to include a
10-kΩ, pull-up resistor to the supply voltage. This open-drain terminal can be pulled up to a voltage beyond the
supply voltage, VS, but must not exceed 5.5 V.
7.3.7 Noise Adjustment Factor (NAF)
The device is a high-speed, low-noise comparator that is designed to alert when the measured input signal
exceeds the programmed limit level. Internal noise in the device couples into the measurement and can result
in alerts being issued prior to the input signal exceeding the voltage level present at the LIMIT terminal. This
known internal noise component effects the input signal measurement by causing a consistent shift in the device
internal offset, resulting in a shifted trip threshold. NAF adjusts the VLIMIT setting to account for this internal shift,
thus allowing for a more precise level detection of the measured current.
The NAF value is based on the noise contribution on the measurement at the 10-µs delay setting. This value is
equal to 500 µV and is applied in the calculation to adjust the VLIMIT threshold level to allow for a more accurate
alert trip point. The NAF term is only applied in the VLIMIT calculation at the 10-µs delay setting. The averaging
effect included with the 50-µs and 100-µs delay settings inherently eliminates the effect internal noise has on the
threshold voltage. The NAF term can be omitted from the RLIMIT calculation at the 10-µs delay setting with the
effect of a lower trigger point of the alert output. Lowering the trigger point results in an overcurrent alert prior to
reaching the corresponding VTRIP threshold.
www.ti.com
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com