Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA300 Datasheet HTML 4Page - Texas Instruments INA300 Datasheet HTML 5Page - Texas Instruments INA300 Datasheet HTML 6Page - Texas Instruments INA300 Datasheet HTML 7Page - Texas Instruments INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments INA300 Datasheet HTML 10Page - Texas Instruments INA300 Datasheet HTML 11Page - Texas Instruments INA300 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
0
20
40
60
80
100
120
140
160
180
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
Vs = 5.5V
Vs = 3.3V
Vs = 2.7V
C013
Figure 6-13. Quiescent Current vs Temperature
(Enabled)
0
1
2
3
4
5
6
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
Vs = 5.5V
Vs = 3.3V
Vs = 2.7V
C014
Figure 6-14. Quiescent Current vs Temperature
(Disabled)
100
110
120
130
140
150
160
170
180
190
200
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
ZZ
ZL, LZ
ZH, HZ
LL
LH, HL
HH
C025
Z = Floating
L = Low
H = High
HYS – DELAY
Figure 6-15. Quiescent Current vs HYS and DELAY
Settings (Enabled)
1
2
3
4
5
6
7
8
9
10
2.5
3
3.5
4
4.5
5
5.5
Supply Voltage (V)
LL
ZL, LZ, HL, LH
ZZ, ZH, HZ, HH
C026
Z = Floating
L = Low
H = High
HYS – DELAY
Figure 6-16. Quiescent Current vs HYS and DELAY
Settings (Disabled)
19.5
19.75
20
20.25
20.5
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C015
Figure 6-17. Limit Current Source vs Temperature
0
1
2
3
4
5
6
7
8
9
10
±50
±25
0
25
50
75
100
125
150
Temperature (ƒC)
C016
8 mV Hysteresis
4 mV Hysteresis
2 mV Hysteresis
Figure 6-18. Hysteresis vs Temperature
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com