Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments INA300 Datasheet HTML 10Page - Texas Instruments INA300 Datasheet HTML 11Page - Texas Instruments INA300 Datasheet HTML 12Page - Texas Instruments INA300 Datasheet HTML 13Page - Texas Instruments INA300 Datasheet HTML 14Page - Texas Instruments INA300 Datasheet HTML 15Page - Texas Instruments INA300 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
As shown in Table 7-1, the maximum value calculated for the current-sensing resistor with these requirements
is 2.5 mΩ. Although this value satisfies the maximum power dissipation requirement of 250 mW, headroom is
available from the 5% maximum total error to reduce the value of the current-sensing resistor and reduce the
power dissipation further. Selecting a 1.5-mΩ, current-sensing resistor value offers a tradeoff for reducing the
power dissipation in this scenario by approximately 40%, while still remaining within the defined accuracy region.
Table 7-1. Calculating the Current-Sensing Resistor, RSENSE
PARAMETER
EQUATION
VALUE
UNIT
Maximum measurement error
5%
IMAX
Maximum current
10
A
PRSENSE
Maximum allowable RSENSE power
dissipation
RSENSE × IMAX 2
250
mW
Initial error
RLIMIT + ILIMIT tolerances
1.5%
RSENSE_MAX
Maximum sensing resistor value
PRSENSE / IMAX 2
2.5
mΩ
VSENSE_MAX
Input sense voltage
RSENSE_MAX × IMAX
25
mV
VOS Error
Offset voltage error
(VOS / VSENSE_MAX) × 100
2%
Error_Available
Maximum allowable offset error
Maximum Error – Initial Error
3.5%
VSENSE_MIN
Minimum input sense voltage
VOS / (Error_Available / 100)
14.3
mV
RSENSE_MIN
Minimum sensing resistor value
VSENSE_MIN / IMAX
1.43
mΩ
PRSENSE_MIN
Minimum power dissipation
RSENSE_MIN × IMAX 2
143
mW
7.3.2 Setting The Current-Limit Threshold
The device determines if an overcurrent event is present by comparing the measured differential voltage
developed across the current-sensing resistor to the corresponding signal programmed at the LIMIT terminal.
The threshold voltage for the LIMIT terminal can be set using a resistor or an external voltage source.
7.3.2.1 Resistor-Controlled Current Limit
The typical approach for setting the limit threshold voltage is to connect a resistor from the LIMIT terminal to
ground. The value of this resistor, RLIMIT, is chosen to create a corresponding voltage at the LIMIT terminal
equivalent to the voltage, VTRIP, developed by the load current flowing through the current-sensing resistor. An
internal 20-µA current source is present at the LIMIT terminal that creates the corresponding voltage depending
on the value of RLIMIT. In the equations from Table 7-2, VTRIP represents the overcurrent threshold the device
is programmed to monitor for and VLIMIT is the programmed signal set to detect the VTRIP level. The term noise
adjustment factor (NAF) is included in the VLIMIT equation for the 10-µs delay setting. This value is equal to
500 µV and adjusts the operating point for the internal noise in this delay setting. The 50-µs and 100-µs delay
settings do not use the NAF term in calculating the VLIMIT threshold. See Noise Adjustment Factor (NAF) for
more details on the noise adjustment factor.
In Table 7-2, the process for calculating the required value for RLIMIT to set the appropriate threshold voltage,
VLIMIT, is shown. This calculation is based on the 10-µs delay setting so the NAF term is included in the
calculation. For a delay setting of 50 µs or 100 µs, the NAF term is omitted.
Table 7-2. Calculating the Limit Threshold Setting Resistor, RLIMIT
PARAMETER
EQUATION
VTRIP
Desired current trip value
ILOAD × RSENSE
VLIMIT
Programmed threshold limit voltage
VLIMIT = VTRIP
VLIMIT (1)
Threshold voltage
(ILIMIT × RLIMIT) – NAF
RLIMIT (1)
Threshold limit setting resistor
(VLIMIT + NAF) / ILIMIT
RLIMIT (1)
Limit setting resistor
(VLIMIT + 500 µV) / 20 µA
(1)
NAF is used with the 10-µs delay setting. NAF can be omitted in the RLIMIT calculation for the 50-µs and 100-µs delay settings.
TI recommends using NAF in calculating the value for VLIMIT and RLIMIT at the 10-µs delay setting. Removing
NAF from the VLIMIT and RLIMIT calculation at the 10-µs delay setting lowers the trigger point of the alert output.
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
www.ti.com
12
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com