Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA300 Datasheet HTML 18Page - Texas Instruments INA300 Datasheet HTML 19Page - Texas Instruments INA300 Datasheet HTML 20Page - Texas Instruments INA300 Datasheet HTML 21Page - Texas Instruments INA300 Datasheet HTML 22Page - Texas Instruments INA300 Datasheet HTML 23Page - Texas Instruments INA300 Datasheet HTML 24Page - Texas Instruments INA300 Datasheet HTML 25Page - Texas Instruments INA300 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The INA300 INA300 is designed to enable configuration for detecting overcurrent conditions in an application.
This device is individually targeted towards overcurrent detection of a single threshold. However, this device can
be paired with additional devices and circuitry to create more complex monitoring functional blocks.
8.2 Typical Applications
8.2.1 Unidirectional Operation
GPIO
GPIO
Processor
DAC
GPIO
CBYPASS
2.7 V to 5.5 V
Power Supply
(0 V to 36 V)
Load
RLIMIT
RPULL-UP
10 k
VS
IN+
IN–
+
CMP
LIMIT
LATCH
DELAY
TI Device
GND
ENABLE
HYS
0.1 F
–
ALERT
Figure 8-1. Unidirectional Application Schematic
8.2.1.1 Design Requirements
The INA300 device measures current through a resistive shunt with current flowing in one direction, enabling
detection of an overcurrent event only when the differential input voltage exceeds the threshold limit.
8.2.1.2 Detailed Design Procedure
Figure 8-1 shows the basic connections of the INA300 device. The input terminals, IN+ and IN–, must be
connected as closely as possible to the current-sensing resistor to minimize any resistance in series with
the shunt resistance. Additional resistance between the current-sensing resistor and input terminals can result
in errors in the measurement. When input current flows through this external input resistance, the voltage
developed across the shunt resistor can differ from the voltage reaching the input terminals.
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
www.ti.com
22
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com