Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 4 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 4 Page - Texas Instruments

  INA300 Datasheet HTML 1Page - Texas Instruments INA300 Datasheet HTML 2Page - Texas Instruments INA300 Datasheet HTML 3Page - Texas Instruments INA300 Datasheet HTML 4Page - Texas Instruments INA300 Datasheet HTML 5Page - Texas Instruments INA300 Datasheet HTML 6Page - Texas Instruments INA300 Datasheet HTML 7Page - Texas Instruments INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
6 Specifications
6.1 Absolute Maximum Ratings(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Supply voltage, VS
6
V
Analog inputs (IN+, IN–)
Differential (VIN+) – (VIN–)(2)
–40
40
V
Common-mode (3)
GND – 0.3
40
Analog input
LIMIT
GND – 0.3
(VS) + 0.3
V
Digital inputs
LATCH, DELAY, ENABLE, HYS
GND – 0.3
(VS) + 0.3
V
Alert output
GND – 0.3
6
V
Operating temperature
–40
125
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– terminals, respectively.
(3)
Input voltage may exceed the voltage shown if the current at that terminal is limited to 5 mA.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage
12
V
VS
Operating supply voltage
2.7
3.3
5.5
V
Delay setting
100
µs
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC(1)
INA300
UNIT
DSQ (WSON)
DGS (VSSOP)
10 PINS
10 PINS
RθJA
Junction-to-ambient thermal resistance
63.5
169.4
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
79.5
59.1
°C/W
RθJB
Junction-to-board thermal resistance
33.9
89.6
°C/W
ψJT
Junction-to-top characterization parameter
7.8
8.5
°C/W
ψJB
Junction-to-board characterization parameter
34.3
88.3
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
7.5
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com