Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 29 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA300 Datasheet HTML 25Page - Texas Instruments INA300 Datasheet HTML 26Page - Texas Instruments INA300 Datasheet HTML 27Page - Texas Instruments INA300 Datasheet HTML 28Page - Texas Instruments INA300 Datasheet HTML 29Page - Texas Instruments INA300 Datasheet HTML 30Page - Texas Instruments INA300 Datasheet HTML 31Page - Texas Instruments INA300 Datasheet HTML 32Page - Texas Instruments INA300 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
10 Layout
10.1 Layout Guidelines
• The power-supply bypass capacitor must be placed as closely as possible to the supply and ground
terminals. The recommended value of this bypass capacitor is 0.1 µF. Additional decoupling capacitance
can be added to compensate for noisy or high-impedance power supplies.
• The connection of RLIMIT to the ground terminal must be made as direct as possible to limit additional
capacitance on this node. Routing this connection must be limited to the same plane if possible avoiding vias
to internal planes. If the routing cannot be made on the same plane and must pass through vias, ensure that
a path is routed from the RLIMIT back to the ground terminal and that the RLIMIT is not connected directly to a
ground plane.
• The DELAY terminal must be either connected directly to ground, directly to supply, or left completely
floating. Additional external resistors must not be connected to this terminal. If a resistance is required by
the application to be placed in series with either the supply or ground connection to the DELAY terminal, this
resistance must be limited to 1 kΩ so as to not conflict with the internal level detection circuitry.
• The HYS terminal must be either connected directly to ground, directly to supply, or left completely floating.
Additional external resistors must not be connected to this terminal. If a resistance is required by the
application to be placed in series with either the supply or ground connections to the HYS terminal, this
resistance must be limited to 1 kΩ so as to not conflict with the internal level detection circuitry.
• The open-drain output pin is recommended to be pulled up to the supply voltage rail through a 10-kΩ pull-up
resistor.
10.2 Layout Example
Alert Signal Trace
Digital Control Traces
Limit Resistor
Pull-Up Resistor
Supply Bypass
Capacitor
Kelvin Connection
VIA to Power or Ground Plane
VIA to Internal Layer
Supply Voltage
VS
GND
LATCH
EN
HYS
DELAY
ALERT
LIMIT
IN-
IN+
NOTE: Connect the limit resistor directly to the GND terminal.
Figure 10-1. Recommended Layout for WSON Package
www.ti.com
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com