Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 21 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 21 Page - Texas Instruments

Back Button INA300 Datasheet HTML 17Page - Texas Instruments INA300 Datasheet HTML 18Page - Texas Instruments INA300 Datasheet HTML 19Page - Texas Instruments INA300 Datasheet HTML 20Page - Texas Instruments INA300 Datasheet HTML 21Page - Texas Instruments INA300 Datasheet HTML 22Page - Texas Instruments INA300 Datasheet HTML 23Page - Texas Instruments INA300 Datasheet HTML 24Page - Texas Instruments INA300 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
±20
±15
±10
±5
0
5
10
15
20
25
30
0
50
100
150
200
250
Differential Input Voltage (mV)
C027
IB+
IB-
Figure 7-10. Input Bias Current vs Differential Input Voltage
For example, with a differential voltage of 10 mV developed across a current-sensing resistor and using 100-Ω
resistors, the differential signal that reaches the device is 9.8 mV. A measurement error of 2% is created as a
result of the external input filter resistors. Using 10-Ω input filter resistors instead of the 100-Ω resistors reduces
this added error from 2% to 0.2%.
7.4.4 Using the INA300 INA300 With Common-Mode Transients Above 36 V
With a small amount of additional circuitry, the device can be used in circuits subject to transients higher than
36 V. Use only zener diodes or zener-type transient absorbers (sometimes referred to as Transzorbs). Any
other type of transient absorber has an unacceptable time delay. Start by adding a pair of resistors, as shown
in Figure 7-11, as a working impedance for the zener diode. Keeping these resistors as small as possible is
best, preferably 100 Ω or less. Larger values can be used with an additional error induced resulting from a
reduced signal that reaches the device input terminals. Because this circuit limits only short-term transients,
many applications are satisfied with a 100-Ω resistor along with conventional zener diodes of the lowest power
rating available. This combination uses the least amount of board space. These diodes can be found in SOT-523
or SOD-523 packages.
CBYPASS
0.1 µF
+2.7 V to 5.5 V
Power Supply
(0 V to 36 V)
Load
RLIMIT
RPull-up
10 k
VS
IN+
IN–
+
CMP
LIMIT
LATCH
DELAY
TI Device
GND
ENABLE
HYS
RPROTECT
≤100 Ω
–
ALERT
Figure 7-11. Transient Protection
www.ti.com
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com