Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA300 Datasheet HTML 24Page - Texas Instruments INA300 Datasheet HTML 25Page - Texas Instruments INA300 Datasheet HTML 26Page - Texas Instruments INA300 Datasheet HTML 27Page - Texas Instruments INA300 Datasheet HTML 28Page - Texas Instruments INA300 Datasheet HTML 29Page - Texas Instruments INA300 Datasheet HTML 30Page - Texas Instruments INA300 Datasheet HTML 31Page - Texas Instruments INA300 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
9 Power Supply Recommendations
The INA300 device input circuitry can accurately measure signals on common-mode voltages beyond the
power-supply voltage, VS. For example, the voltage applied to the VS power-supply terminal can be 5 V, whereas
the load power-supply voltage being monitored (VCM) can be as high as 36 V. Note that the INA300 device can
withstand the full –0.3 V to +36 V range at the input terminals, regardless of whether the device has power
applied or not.
Power-supply bypass capacitors are required for stability and must be placed as closely as possible to the
supply and ground terminals of the device. A typical value for this supply bypass capacitor is 0.1 µF. Applications
with noisy or high-impedance power supplies may require additional decoupling capacitors to reject power-
supply noise.
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
www.ti.com
28
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com