Electronic Components Datasheet Search
  English  ▼

X  

INA300 Datasheet(PDF) 5 Page - Texas Instruments

Part # INA300
Description  INA300 Overcurrent-Protection, Current-Sense Comparator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA300 Datasheet(HTML) 5 Page - Texas Instruments

  INA300 Datasheet HTML 1Page - Texas Instruments INA300 Datasheet HTML 2Page - Texas Instruments INA300 Datasheet HTML 3Page - Texas Instruments INA300 Datasheet HTML 4Page - Texas Instruments INA300 Datasheet HTML 5Page - Texas Instruments INA300 Datasheet HTML 6Page - Texas Instruments INA300 Datasheet HTML 7Page - Texas Instruments INA300 Datasheet HTML 8Page - Texas Instruments INA300 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
6.5 Electrical Characteristics
at TA = 25°C, VSENSE = VIN+ – VIN– = 0 mV, VS = 3.3 V, VIN+ = 12 V, VLIMIT = 10 mV, and DELAY = 100 µs (unless otherwise
noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT
VCM
Common-mode input voltage
0
36
V
VIN
Differential input voltage
VIN = VIN+ – VIN–
0
250
mV
CMR
Common-mode rejection
VIN+ = 0 V to 36 V,
TA= –40°C to 125°C
100
120
dB
VOS
Offset voltage, RTI(1)
VS = 3.3 V, DELAY = 100 μs
–75
–500
μV
VS = +3.3 V, DELAY = 50 μs
–125
–500
VS = +3.3 V, DELAY = 10 μs(2)
–350
–650
dVOS/dT
Offset voltage drift, RTI(1)
TA= –40°C to 125°C
0.1
0.5
μV/°C
PSR
Power-supply rejection ratio
VS = 2.7 V to 5.5 V, VIN+ = 12 V,
TA= –40°C to 125°C
75
150
μV/V
IB
Input bias current
5
10
μA
Disable mode
0.05
0.5
IOS
Input offset current
±0.1
μA
ILIMIT
Limit threshold output current
TA= 25°C
19.9
20
20.1
μA
TA= –40°C to 125°C
19.85
20.15
DIGITAL INPUT/OUTPUT
tp
Alert propagation delay
Delay = open, overdrive = 1 mV
10
μs
Delay = GND, overdrive = 1 mV
50
Delay = VS, overdrive = 1 mV
100
HYS
Hysteresis
HYS = open
2
mV
HYS = GND
4
HYS = VS
8
VIH
High-level input voltage
Latch, enable
1.4
6
V
Delay, hysteresis
VS – 0.5
6
VIL
Low-level input voltage
Latch, enable
0
0.4
V
Delay, hysteresis
0
0.5
VOL
Alert low-level output voltage
IOL = 3 mA
50
400
mV
ALERT terminal leakage input current
VOH = 3.3 V
0.1
1
μA
Digital leakage input current
0 ≤ VIN ≤ VS
1
2
μA
POWER SUPPLY
IQ
Quiescent current
VSENSE = 0 mV, TA = 25°C
115
135
μA
TA = –40°C to 125°C
150
VSENSE = 0 mV, disable mode,
HYS = 2 mV
2
3.5
(1)
RTI = referred-to-input.
(2)
Absolute-maximum values are tested with the threshold limit set using the corresponding noise adjustment factor (NAF) value. See
Section 7.3.7 for additional information on applying the NAF value.
6.6 Timing Requirements
MIN
NOM
MAX
UNIT
Start-up time
1
ms
ten
Enable time
300
µs
tdis
Disable time
20
µs
www.ti.com
INA300
SBOS613C – FEBRUARY 2014 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: INA300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com