Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 21 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 21 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 17Page - Texas Instruments ISO7821 Datasheet HTML 18Page - Texas Instruments ISO7821 Datasheet HTML 19Page - Texas Instruments ISO7821 Datasheet HTML 20Page - Texas Instruments ISO7821 Datasheet HTML 21Page - Texas Instruments ISO7821 Datasheet HTML 22Page - Texas Instruments ISO7821 Datasheet HTML 23Page - Texas Instruments ISO7821 Datasheet HTML 24Page - Texas Instruments ISO7821 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
8 Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification,
and TI does not warrant its accuracy or completeness. TI’s customers are responsible for
determining suitability of components for their purposes, as well as validating and testing their design
implementation to confirm system functionality.
8.1 Application Information
The ISO7821 is a high-performance, dual-channel digital isolator with 5.7 kVRMS isolation voltage per UL 1577.
The device uses single-ended CMOS-logic switching technology. The supply voltage range is from 2.25 V to
5.5 V for both supplies, VCC1 and VCC2. Keep in mind that when designing with digital isolators, due to the
single-ended design structure, digital isolators do not conform to any specific interface standard and are only
intended for isolating single-ended CMOS or TTL digital signal lines. The isolator is typically placed between the
data controller (that is, μC or UART), and a data converter or a line transceiver, regardless of the interface type
or standard.
8.2 Typical Application
ISO782 1 can be used with Texas Instruments' mixed signal micro-controller, digital-to-analog converter,
transformer driver, and voltage regulator to create an isolated 4-20 mA current loop .
VCC1
VCC2
GND1
GND2
INA
14
13
12
1, 7
9, 16
4
XOUT
XIN
5
6
2
MSP430G2132
OUTA
3
4
5
ISO7821
DVSS
DVCC
INB
OUTB
P3.0
P3.1
11
12
10 F
VS
0.1 F
MBR0520L
MBR0520L
1:1.33
0.1 F
3
1
D2
SN6501
D1
VCC
4, 5
2
GND
3.3 V
IN
EN
GND
OUT
1
5
2
3
TPS76333
10 F
3.3VISO
10 F
Isolation Barrier
0.1 F
0.1 F
0.1 F
0.1 F
3
VD
COMA
BASE
LOW
10
8
ERRLVL
DBACK
16
DIN
DAC161P997
OUT
9
C1
14
15
VA
COMD
2
C2
13
C3
12
3 × 2.2 nF
5
4
20
0.1 F
22
0.1 F
1 F
LOOP±
LOOP+
1
Figure 8-1. Isolated 4-20 mA Current Loop
8.2.1 Design Requirements
For the ISO7821, use the parameters shown in Table 8-1.
Table 8-1. Design Parameters
PARAMETER
VALUE
Supply voltage
2.25 V to 5.5 V
Decoupling capacitor between VCC1 and GND1
0.1 µF
Decoupling capacitor from VCC2 and GND2
0.1 µF
www.ti.com
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com