Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 3Page - Texas Instruments ISO7821 Datasheet HTML 4Page - Texas Instruments ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments ISO7821 Datasheet HTML 10Page - Texas Instruments ISO7821 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
5.7 Electrical Characteristics, 3.3 V
VCC1 = VCC2 = 3.3 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
IOH = –2 mA; see Figure 6-1
VCCO (1) – 0.4
VCCO – 0.2
V
VOL
Low-level output voltage
IOL = 2 mA; see Figure 6-1
0.2
0.4
V
VI(HYS)
Input threshold voltage hysteresis
0.1 x VCCO
V
IIH
High-level input current
VIH = VCCI (1) at INx or ENx
10
μA
IIL
Low-level input current
VIL = 0 V at INx or ENx
-10
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; see Figure 6-4
100
kV/μs
Supply Current - ISO7821DW and ISO7821FDW
ICC1, ICC2
DC Signal
VI = 0 V (ISO7821F) , VI = VCCI (1)
(ISO7821)
1.2
1.7
mA
ICC1, ICC2
DC Signal
VI = VCCI (1) (ISO7821F) , VI = 0 V
(ISO7821)
2.4
3.4
mA
ICC1, ICC2
1 Mbps
All channels switching with square wave
clock input; CL = 15 pF
1.8
2.6
mA
ICC1, ICC2
10 Mbps
2.2
3
mA
ICC1, ICC2
100 Mbps
5.8
7.1
mA
Supply Current - ISO7821DWW and ISO7821FDWW
ICC1, ICC2
Disable
EN1 = EN2 = 0V, VI = 0 V (ISO7821F) ,
VI = VCCI (1)(ISO7821)
0.7
1.1
mA
ICC1, ICC2
Disable
EN1 = EN2 = 0V, VI = VCCI (1)
(ISO7821F) , VI = 0 V (ISO7821)
1.8
2.9
mA
ICC1, ICC2
DC Signal
VI = 0 V (ISO7821F) , VI = VCCI (1)
(ISO7821)
1.2
1.7
mA
ICC1, ICC2
DC Signal
VI = VCCI (1) (ISO7821F) , VI = 0 V
(ISO7821)
2.4
3.5
mA
ICC1, ICC2
1 Mbps
All channels switching with square wave
clock input; CL = 15 pF
1.9
2.6
mA
ICC1, ICC2
10 Mbps
2.3
3
mA
ICC1, ICC2
100 Mbps
5.9
7.1
mA
(1)
VCCI = Input-side VCC; VCCO = Output-side VCC.
www.ti.com
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com