Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 32 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 32 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 28Page - Texas Instruments ISO7821 Datasheet HTML 29Page - Texas Instruments ISO7821 Datasheet HTML 30Page - Texas Instruments ISO7821 Datasheet HTML 31Page - Texas Instruments ISO7821 Datasheet HTML 32Page - Texas Instruments ISO7821 Datasheet HTML 33Page - Texas Instruments ISO7821 Datasheet HTML 34Page - Texas Instruments ISO7821 Datasheet HTML 35Page - Texas Instruments ISO7821 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
www.ti.com
PACKAGE OUTLINE
C
0 -8
17.4
17.1
14X 1.27
16X 0.51
0.31
(2.286)
2.65 MAX
2X
8.89
0.3
0.1
0.28
0.22 TYP
(1.625)
A
10.4
10.2
NOTE 3
B
14.1
13.9
NOTE 4
0.25
GAGE PLANE
1.1
0.6
SOIC - 2.65 mm max height
DWW0016A
PLASTIC SMALL OUTLINE
4221501/B 10/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. This dimension does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0,15 mm per side.
4. This dimension does not include interlead flash.
PIN 1 ID AREA
1
8
0.25
A B C
9
16
0.1 C
SEATING PLANE
SEE DETAIL A
TYPICAL
DETAIL A
SCALE 1.000
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
www.ti.com
32
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com