Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 1 Page - Texas Instruments

  ISO7821 Datasheet HTML 1Page - Texas Instruments ISO7821 Datasheet HTML 2Page - Texas Instruments ISO7821 Datasheet HTML 3Page - Texas Instruments ISO7821 Datasheet HTML 4Page - Texas Instruments ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
1 Features
• Signaling Rate: Up to 100Mbps
• Wide Supply Range: 2.25V to 5.5V
• 2.25V to 5.5V Level Translation
• Wide Temperature Range: –55°C to 125°C
• Low Power Consumption, Typical 1.8mA per
Channel at 1Mbps
• Low Propagation Delay: 11ns Typical
(5V Supplies)
• Industry leading CMTI(Min): ±100kV/μs
• Robust Electromagnetic Compatibility (EMC)
• System-Level ESD, EFT, and Surge Immunity
• Low Emissions
• Isolation Barrier Life: > 25 Years
• SOIC-16 Wide Body (DW) and Extra-Wide Body
(DWW) Package Options
• Safety and Regulatory Approvals:
– 8000VPK Reinforced Isolation per DIN V VDE V
0884-10 (VDE V 0884-10):2006-12
– 5.7kVRMS Isolation for 1 minute per UL 1577
– CSA Component Acceptance Notice 5A, IEC
60950-1 and IEC 60601-1 End Equipment
Standards
– CQC Certification per GB4943.1-2011
– TUV Certification per EN 61010-1 and EN
60950-1
– All DW Package Certifications Complete; DWW
Package Certifications Complete per UL, TUV
and Planned for VDE, CSA, and CQC
2 Applications
• Industrial Automation
• Motor Control
• Power Supplies
• Solar Inverters
• Medical Equipment
• Hybrid Electric Vehicles
3 Description
The ISO7821 is a high-performance, dual-channel
digital isolator with 8000VPK isolation voltage. This
device has reinforced isolation certifications according
to VDE, CSA, CQC, and TUV. The isolator provides
high electromagnetic immunity and low emissions
at low power consumption, while isolating CMOS
or LVCMOS digital I/Os. Each isolation channel
has a logic input and output buffer separated by
silicon dioxide (SiO2) insulation barrier. ISO7821 has
one forward and one reverse-direction channel. If
the input power or signal is lost, default output is
'high' for the ISO7821 and 'low' for the ISO7821F
device. Used in conjunction with isolated power
supplies, this device prevents noise currents on a
data bus or other circuits from entering the local
ground and interfering with or damaging sensitive
circuitry. Through innovative chip design and layout
techniques, electromagnetic compatibility of ISO7821
has been significantly enhanced to ease system-
level ESD, EFT, Surge and Emissions compliance.
ISO7821 is available in 16-pin SOIC wide-body (DW)
and extra-wide body (DWW) packages. The DWW
package option comes with enable pins which can be
used to put the respective outputs in high impedance
for multi-controller driving applications and to reduce
power consumption.
Package Information
PART
NUMBER
PACKAGE
(1)
BODY SIZE (NOM)
PACKAGE
SIZE(2)
ISO7821,
ISO7821F
DW (SOIC,
16)
10.30mm × 7.50mm
10.30mm ×
10.30mm
DWW (Extra
wide SOIC,
16)
10.30mm × 14.0mm
10.30mm ×
17.25mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
spacer
ENx (DWW package only)
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
A.
VCCI and GNDI are supply and ground connections
respectively for the input channels.
B.
VCCO and GNDO are supply and ground connections
respectively for the output channels.
Simplified Schematic
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821DW TI1-ISO7821DW Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821DWR TI1-ISO7821DWR Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821DWW TI1-ISO7821DWW Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821DWWR TI1-ISO7821DWWR Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
More results

Similar Description - ISO7821

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7810 TI-ISO7810_15 Datasheet
1Mb / 28P
ISO7810 High-Performance, 8000 VPK Reinforced Single Channel Digital Isolator
ISO7820 TI-ISO7820_15 Datasheet
1Mb / 28P
ISO7820 ISO7820F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI-ISO7821_15 Datasheet
1Mb / 38P
ISO7821 ISO7821F High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7842 TI-ISO7842 Datasheet
1Mb / 37P
ISO7842 ISO7842F High-Performance, 8000 VPK Reinforced Quad-Channel Digital Isolator
ISO7810 TI1-ISO7810 Datasheet
1Mb / 32P
High-Performance, 8000-VPK Reinforced Single-Channel Digital Isolator
ISO7820 TI1-ISO7820 Datasheet
1Mb / 36P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7821 TI1-ISO7821 Datasheet
1Mb / 39P
High-Performance, 8000 VPK Reinforced Dual Channel Digital Isolator
ISO7840 TI1-ISO7840 Datasheet
1Mb / 36P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7841 TI1-ISO7841 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
ISO7842 TI1-ISO7842_16 Datasheet
1Mb / 37P
High-Performance, 8000-VPK Reinforced Quad-Channel Digital Isolator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com