Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments ISO7821 Datasheet HTML 10Page - Texas Instruments ISO7821 Datasheet HTML 11Page - Texas Instruments ISO7821 Datasheet HTML 12Page - Texas Instruments ISO7821 Datasheet HTML 13Page - Texas Instruments ISO7821 Datasheet HTML 14Page - Texas Instruments ISO7821 Datasheet HTML 15Page - Texas Instruments ISO7821 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
5.12 Safety Limiting Values
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry.
A failure of the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate
sufficient power to overheat the die and damage the isolation barrier potentially leading to secondary system
failures.
Table 5-5. Safety Limiting
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IS
Safety input, output, or supply
current for DW-16 package
and DWW-16 Packages
RθJA = 84.7°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
268
mA
RθJA = 84.7°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
410
RθJA = 84.7°C/W, VI = 2.75 V, TJ = 150°C, TA = 25°C
537
PS
Safety input, output, or total
power
RθJA = 84.7°C/W, TJ = 150°C, TA = 25°C
1476
mW
TS
Maximum safety temperature
150
°C
The maximum safety temperature is the maximum junction temperature specified for the device. The power
dissipation and junction-to-air thermal impedance of the device installed in the application hardware determines
the junction temperature. The assumed junction-to-air thermal resistance in the Section 5.4 is that of a device
installed on a High-K test board for Leaded Surface Mount Packages. The power is the recommended maximum
input voltage times the current. The junction temperature is then the ambient temperature plus the power times
the junction-to-air thermal resistance.
Ambient Temperature (qC)
0
50
100
150
200
0
100
200
300
400
500
600
D014
VCC1 = VCC2 = 2.75 V
VCC1 = VCC2 = 3.6 V
VCC1 = VCC2 = 5.5 V
Figure 5-1. Thermal Derating Curve for Safety
Limiting Current per VDE
Ambient Temperature (qC)
0
50
100
150
200
0
200
400
600
800
1000
1200
1400
1600
D015
Power
Figure 5-2. Thermal Derating Curve for Safety
Limiting Power per VDE
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
www.ti.com
12
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com