Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 9 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments ISO7821 Datasheet HTML 10Page - Texas Instruments ISO7821 Datasheet HTML 11Page - Texas Instruments ISO7821 Datasheet HTML 12Page - Texas Instruments ISO7821 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
Table 5-2. Insulation Characteristics
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
DW
DWW
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
21
21
μm
VIOWM
Maximum working isolation
voltage
Time dependent dielectric breakdown (TDDB) test
1500
2000
VRMS
2121
2828
VDC
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIOTM
Maximum transient isolation
voltage
VTEST = VIOTM
t = 60 sec (qualification)
t= 1 sec (100% production)
8000
8000
VPK
VIOSM Maximum surge isolation voltage
Test method per IEC 60065, 1.2/50 µs waveform,
VTEST = 1.6 × VIOSM = 12800 VPK (1) (qualification)
8000
8000
VPK
VIORM
Maximum repetitive peak isolation
voltage
2121
2828
VPK
VPR
Input-to-output test voltage
Method a, After Input/Output safety test subgroup 2/3,
VPR = VIORM × 1.2, t = 10 s,
Partial discharge < 5 pC
2545
3394
VPK
Method a, After environmental tests subgroup 1,
VPR = VIORM × 1.6, t = 10 s,
Partial Discharge < 5 pC
3394
4525
Method b1,After environmental tests subgroup 1,
VPR = VIORM × 1.875, t = 1 s (100% Production test)
Partial discharge < 5 pC
3977
5303
RS
Isolation resistance
VIO = 500 V at TS
>109
>109
Ω
Pollution degree
2
2
Climatic category
55/125/21 55/125/21
UL 1577
VISO
Withstanding isolation voltage
VTEST = VISO = 5700 VRMS, t = 60 sec (qualification);
VTEST = 1.2 × VISO = 6840 VRMS, t = 1 sec (100% production)
5700
5700
VRMS
(1)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
Table 5-3. Package Insulation and Safety-Related Specifications
(over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
CLR
External clearance
Shortest terminal-to-terminal distance
through air
DW-16
8.15
mm
DWW-16
14.5
15.0
CPG
External creepage
Shortest terminal-to-terminal distance
across the package surface
DW-16
8.15
mm
DWW-16
14.5
15.0
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112; UL 746A
600
V
RIO
Isolation resistance, input to output(1)
VIO = 500 V, TA = 25°C
1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ max
1011
Ω
CIO
Barrier capacitance, input to output(1) VIO = 0.4 x sin (2πft), f = 1 MHz
1
pF
CI
Input capacitance(2)
VI = VCC/2 + 0.4 x sin (2πft), f = 1 MHz, VCC = 5 V
2
pF
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
www.ti.com
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com