Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 3 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 3 Page - Texas Instruments

  ISO7821 Datasheet HTML 1Page - Texas Instruments ISO7821 Datasheet HTML 2Page - Texas Instruments ISO7821 Datasheet HTML 3Page - Texas Instruments ISO7821 Datasheet HTML 4Page - Texas Instruments ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
4 Pin Configuration and Functions
NC
GND2
9
8
GND1
NC
10
7
NC
NC
11
6
INB
OUTB
12
5
OUTA
INA
13
4
VCC1
VCC2
14
3
NC
NC
15
2
GND1
GND2
16
1
Figure 4-1. DW Package 16-Pin (SOIC) Top View
GND1
GND2
9
8
NC
NC
10
7
INB
OUTB
11
6
OUTA
INA
12
5
EN1
EN2
13
4
NC
NC
14
3
GND1
GND2
15
2
VCC1
VCC2
16
1
Figure 4-2. DWW Package 16-Pin (SOIC) Top View
Table 4-1. Pin Functions
PIN
Type
DESCRIPTION
NAME
NO.
NO.
DW
DWW
GND1
1, 7
2,8
–
Ground connection for VCC1
GND2
9, 16
9,15
–
Ground connection for VCC2
INA
13
12
I
Input, channel A
INB
5
6
I
Input, channel B
NC
2, 6, 8, 10 ,11, 15
3,7,10,14
–
Not connected
OUTA
4
5
O
Output, channel A
OUTB
12
11
O
Output, channel B
VCC1
3
1
–
Power supply, VCC1
VCC2
14
16
–
Power supply, VCC2
EN1
–
4
I
Output enable 1. Output pins on side 1 are enabled when EN1 is high or open and
in high-impedance state when EN1 is low.
EN2
–
13
I
Output enable 2. Output pins on side 2 are enabled when EN2 is high or open and
in high-impedance state when EN2 is low.
www.ti.com
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com