Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 14 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7821 Datasheet HTML 10Page - Texas Instruments ISO7821 Datasheet HTML 11Page - Texas Instruments ISO7821 Datasheet HTML 12Page - Texas Instruments ISO7821 Datasheet HTML 13Page - Texas Instruments ISO7821 Datasheet HTML 14Page - Texas Instruments ISO7821 Datasheet HTML 15Page - Texas Instruments ISO7821 Datasheet HTML 16Page - Texas Instruments ISO7821 Datasheet HTML 17Page - Texas Instruments ISO7821 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
5.15 Switching Characteristics, 2.5 V
VCC1 = VCC2 = 2.5 V ± 10% (over recommended operating conditions unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay time
See Figure 6-1
7.5
11.7
17.5
ns
PWD(1)
Pulse width distortion |tPHL – tPLH|
0.7
4.7
tsk(pp) (2)
Part-to-part skew time
4.5
ns
tr
Output signal rise time
See Figure 6-1
1.8
3.5
tf
Output signal fall time
1.8
3.5
tPHZ
Disable propagation delay, high-to-high impedance output for
ISO7821DWW and ISO7821FDWW
See Figure 6-2
22
45
ns
tPLZ
Disable propagation delay, low-to-high impedance output for
ISO7821DWW and ISO7821FDWW
22
45
ns
tPZH
Enable propagation delay, high impedance-to-high output for
ISO7821DWW
18
45
ns
Enable propagation delay, high impedance-to-high output for
ISO7821FDWW
2
2.5
μs
tPZL
Enable propagation delay, high impedance-to-low output for
ISO7821DWW
2
2.5
μs
Enable propagation delay, high impedance-to-low output for
ISO7821FDWW
18
45
ns
tfs
Default output delay time from input power loss
Measured from the time VCC goes
below 1.7 V. See Figure 6-3
0.2
9
μs
tie
Time interval error
216 - 1 PRBS data at 100 Mbps
1
ns
(1)
Also known as Pulse Skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any terminals of different devices switching in the same
direction while operating at identical supply voltages, temperature, input signals and loads.
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
www.ti.com
14
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com