Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 4 Page - Texas Instruments

  ISO7821 Datasheet HTML 1Page - Texas Instruments ISO7821 Datasheet HTML 2Page - Texas Instruments ISO7821 Datasheet HTML 3Page - Texas Instruments ISO7821 Datasheet HTML 4Page - Texas Instruments ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
5 Specifications
5.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
Supply voltage(2)
VCC1, VCC2
–0.5
6
V
Voltage
INx, OUTx
–0.5
VCC + 0.5(3)
V
Output Current
IO
-15
15
mA
Surge Immunity
12.8
kV
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
All voltage values except differential I/O bus voltages are with respect to the local ground terminal (GND1 or GND2) and are peak
voltage values.
(3)
Maximum voltage must not exceed 6 V.
5.2 ESD Ratings
VALUE
UNIT
VESD
Electrostatic discharge
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001, all
pins (1)
±6000
V
Charged device model (CDM), per JEDEC specification JESD22-
C101, all pins(2)
±1500
V
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
5.3 Recommended Operating Conditions
MIN
TYP
MAX
UNIT
VCC1, VCC2
Supply voltage
2.25
5.5
V
IOH
High-level output current
VCCO (2) = 5 V
-4
mA
VCCO = 3.3 V
-2
VCCO = 2.5 V
-1
IOL
Low-level output current
VCCO = 5 V
4
mA
VCCO = 3.3 V
2
VCCO = 2.5 V
1
VIH
High-level input voltage
0.7 x VCC I (2)
VCCI
V
VIL
Low-level input voltage
0
0.3 x VCCI
V
DR
Signaling rate
0
100
Mbps
TJ
Junction temperature(1)
-55
150
°C
TA
Ambient temperature
-55
25
125
°C
(1)
To maintain the recommended operating conditions for TJ, see the Thermal Information table.
(2)
VCCI = Input-side VCC; VCCO = Output-side VCC.
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
www.ti.com
4
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com