Electronic Components Datasheet Search
  English  ▼

X  

ISO7821 Datasheet(PDF) 5 Page - Texas Instruments

Part # ISO7821
Description  ISO7821x High-Performance, 8000VPK Reinforced Dual Channel Digital Isolator
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7821 Datasheet(HTML) 5 Page - Texas Instruments

  ISO7821 Datasheet HTML 1Page - Texas Instruments ISO7821 Datasheet HTML 2Page - Texas Instruments ISO7821 Datasheet HTML 3Page - Texas Instruments ISO7821 Datasheet HTML 4Page - Texas Instruments ISO7821 Datasheet HTML 5Page - Texas Instruments ISO7821 Datasheet HTML 6Page - Texas Instruments ISO7821 Datasheet HTML 7Page - Texas Instruments ISO7821 Datasheet HTML 8Page - Texas Instruments ISO7821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 40 page
background image
5.4 Thermal Information
THERMAL METRIC(1)
ISO7821
UNIT
DW (SOIC)
DWW (SOIC)
16 PINS
16-PINS
RθJA
Junction-to-ambient thermal resistance
84.7
84.7
°C/W
RθJC(top)
Junction-to-case(top) thermal resistance
47.3
46.0
°C/W
RθJB
Junction-to-board thermal resistance
49.4
54.5
°C/W
ψJT
Junction-to-top characterization parameter
19.1
18.5
°C/W
ψJB
Junction-to-board characterization parameter
48.8
53.8
°C/W
RθJC(bottom)
Junction-to-case(bottom) thermal resistance
n/a
n/a
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
note.
5.5 Power Dissipation Characteristics
VALUE
UNIT
PD
Maximum power dissipation by ISO7821
VCC1 = VCC2 = 5.5 V, TJ = 150°C,
CL = 15 pF, input a 50 MHz 50% duty cycle
square wave
100
mW
PD1
Maximum power dissipation by side-1 of ISO7821
x
50
PD2
Maximum power dissipation by side-2 of ISO7821
x
50
www.ti.com
ISO7821, ISO7821F
SLLSEM2H – NOVEMBER 2014 – REVISED NOVEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: ISO7821 ISO7821F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com