Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 22 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 22 Page - Texas Instruments

Back Button INA181 Datasheet HTML 18Page - Texas Instruments INA181 Datasheet HTML 19Page - Texas Instruments INA181 Datasheet HTML 20Page - Texas Instruments INA181 Datasheet HTML 21Page - Texas Instruments INA181 Datasheet HTML 22Page - Texas Instruments INA181 Datasheet HTML 23Page - Texas Instruments INA181 Datasheet HTML 24Page - Texas Instruments INA181 Datasheet HTML 25Page - Texas Instruments INA181 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
7.4.5 Shutdown Mode
Although the INAx181 do not have a shutdown pin, the low power consumption of these devices allows the
output of a logic gate or transistor switch to power the INAx181. This gate or switch turns on and off the INAx181
power-supply quiescent current.
However, in current shunt monitoring applications, the amount of current drained from the shunt circuit
in shutdown conditions is also a concern. Evaluating this current drain involves considering the simplified
schematic of the INAx181 in shutdown mode, as shown in Figure 7-8.
CBYPASS
0.1 µF
VS
2.7 V to 5.5 V
Shutdown
RPULL-UP
10 k
RSENSE
GND
VS
Load
IN±
IN+
OUT
REF
+
±
Bus Voltage
±0.2 V to +26 V
Output
Single-Channel
TI Device
Figure 7-8. Basic Circuit to Shut Down the INA181 With a Grounded Reference
There is typically more than 500 kΩ of impedance (from the combination of 500-kΩ feedback and
input gain set resistors) from each input of the INAx181 to the OUT pin and to the REF pin. The amount of
current flowing through these pins depends on the voltage at the connection. For example, if the REF pin is
grounded, the calculation of the effect of the 500 kΩ impedance from the shunt to ground is straightforward.
However, if the reference is powered while the INAx181 is in shutdown mode, the input current will be
determined by the 500-kΩ impedance and the voltage difference between the positive input and the voltage
applied to the reference voltage.
Regarding the 500-kΩ path to the output pin, the output stage of a disabled INAx181 does constitute a good path
to ground. Consequently, this current is directly proportional to a shunt common-mode voltage present across a
500-kΩ resistor.
As long as the shunt common-mode voltage is greater than VS when the device is powered up, there is
an additional and well-matched 55-µA typical current that flows in each of the inputs. If less than VS, the
common-mode input currents are negligible, and the only current effects are the result of the 500-kΩ resistors.
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
22
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com