Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 11 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 11 Page - Texas Instruments

Back Button INA181 Datasheet HTML 7Page - Texas Instruments INA181 Datasheet HTML 8Page - Texas Instruments INA181 Datasheet HTML 9Page - Texas Instruments INA181 Datasheet HTML 10Page - Texas Instruments INA181 Datasheet HTML 11Page - Texas Instruments INA181 Datasheet HTML 12Page - Texas Instruments INA181 Datasheet HTML 13Page - Texas Instruments INA181 Datasheet HTML 14Page - Texas Instruments INA181 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, VREF = VS / 2, and VIN+ = 12 V (unless otherwise noted)
Gain Error (%)
D013
Figure 6-13. Gain Error Production Distribution A3
Gain Error (%)
D014
Figure 6-14. Gain Error Production Distribution A4
Temperature (qC)
-50
-25
0
25
50
75
100
125
150
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
D015
A1
A2
A3
A4
Figure 6-15. Gain Error vs Temperature
Frequency (Hz)
-10
0
10
20
30
40
50
10
100
1k
10k
100k
1M
10M
D016
A1
A2
A3
A4
Figure 6-16. Gain vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
10
100
1k
10k
100k
1M
D017
Figure 6-17. Power-Supply Rejection Ratio vs Frequency
Frequency (Hz)
0
20
40
60
80
100
120
140
10
100
1k
10k
100k
1M
10M
D018
A1
A2
A3
A4
Figure 6-18. Common-Mode Rejection Ratio vs Frequency
www.ti.com
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com