Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 31 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 31 Page - Texas Instruments

Back Button INA181 Datasheet HTML 27Page - Texas Instruments INA181 Datasheet HTML 28Page - Texas Instruments INA181 Datasheet HTML 29Page - Texas Instruments INA181 Datasheet HTML 30Page - Texas Instruments INA181 Datasheet HTML 31Page - Texas Instruments INA181 Datasheet HTML 32Page - Texas Instruments INA181 Datasheet HTML 33Page - Texas Instruments INA181 Datasheet HTML 34Page - Texas Instruments INA181 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 62 page
background image
Selecting the gain-of-100 device maximizes the output range while staying within the output swing range. If the
maximum calculated gains are slightly less than 100, the value of the current-sense resistor can be reduced to
keep the output from hitting the output-swing limitations.
To calculate the accuracy at peak current, the two factors that must be determined are the gain error and the
offset error. The gain error of the INAx181 is specified to be a maximum of 1%. The error due to the offset is
constant, and is specified to be 500 µV (maximum) for the conditions where VCM = 12 V and VS = 5 V. Using
Equation 7, the percentage error contribution of the offset voltage is calculated to be 2.5%, with total offset error
= 500 µV, RSENSE = 1 mΩ, and ISENSE = 20 A.
SENSE
SENSE
Total Offset Error (V)
Total Offset Error (%) =
100%
I
R
u
u
(7)
One method of calculating the total error is to add the gain error to the percentage contribution of the offset error.
However, in this case, the gain error and the offset error do not have an influence or correlation to each other. A
more statistically-accurate method of calculating the total error is to use the RSS sum of the errors, as shown in
Equation 8:
2
2
Total Error (%) =
Total Gain Error (%) + Total Offset Error (%)
(8)
After applying Equation 8, the total current sense error at maximum current is calculated to be 2.7%, and that is
less than the design example requirement of 3.5%.
The INA181A3 (gain = 100) also has a bandwidth of 150 kHz that meets the small-signal bandwidth requirement
of 100 kHz. If higher bandwidth is required, lower-gain devices can be used at the expense of either reduced
output voltage range or an increased value of RSENSE.
8.2.3 Application Curve
An example output response of a bidirectional configuration is shown in Figure 8-8. With the REF pin connected
to a reference voltage (2.5 V in this case), the output voltage is biased upwards by this reference level. The
output rises above the reference voltage for positive differential input signals, and falls below the reference
voltage for negative differential input signals.
Time (500 µs/div)
VOUT
VREF
C002
0V
Figure 8-8. Bidirectional Application Output Response
8.3 Power Supply Recommendations
The input circuitry of the INAx181 accurately measures beyond the power-supply voltage, VS. For example, VS
can be 5 V, whereas the bus supply voltage at IN+ and IN– can be as high as 26 V. However, the output voltage
range of the OUT pin is limited by the voltages on the VS pin. The INAx181 also withstand the full differential
www.ti.com
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com