Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 53 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 53 Page - Texas Instruments

Back Button INA181 Datasheet HTML 49Page - Texas Instruments INA181 Datasheet HTML 50Page - Texas Instruments INA181 Datasheet HTML 51Page - Texas Instruments INA181 Datasheet HTML 52Page - Texas Instruments INA181 Datasheet HTML 53Page - Texas Instruments INA181 Datasheet HTML 54Page - Texas Instruments INA181 Datasheet HTML 55Page - Texas Instruments INA181 Datasheet HTML 56Page - Texas Instruments INA181 Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 62 page
background image
www.ti.com
PACKAGE OUTLINE
C
2.1
1.9
2.1
1.9
0.8
0.7
0.05
0.00
2X 1.6
8X 0.4
10X
0.4
0.2
10X
0.25
0.15
1.5 0.1
0.9 0.1
(0.2) TYP
WSON - 0.8 mm max height
DSQ0010A
PLASTIC SMALL OUTLINE - NO LEAD
4218906/A 04/2019
0.08 C
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
PIN 1 INDEX AREA
SEATING PLANE
PIN 1 ID
SYMM
EXPOSED
THERMAL PAD
SYMM
1
5
6
10
11
SCALE 5.000
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com