Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 36 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 36 Page - Texas Instruments

Back Button INA181 Datasheet HTML 32Page - Texas Instruments INA181 Datasheet HTML 33Page - Texas Instruments INA181 Datasheet HTML 34Page - Texas Instruments INA181 Datasheet HTML 35Page - Texas Instruments INA181 Datasheet HTML 36Page - Texas Instruments INA181 Datasheet HTML 37Page - Texas Instruments INA181 Datasheet HTML 38Page - Texas Instruments INA181 Datasheet HTML 39Page - Texas Instruments INA181 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 62 page
background image
2
3
4
19
17
IN±1
IN+1
OUT1
RSHUNT2
Load1
VIA to
Ground
Plane
CBYPASS
5
16
VS
18
RSHUNT4
Load 1
Bus Voltage 1:
±0.2 V to +26 V
6
7
14
IN+2
IN±2
8
13
OUT2
15
Load 4
Load 2
Load 3
Current Sense
Output 4
Bus Voltage 2:
±0.2 V to +26 V
Bus Voltage 3:
±0.2 V to +26 V
Bus Voltage 4:
±0.2 V to +26 V
RSHUNT1
RSHUNT3
Current Sense
Output 1
VIA to
Ground
Plane
Power Supply, VS:
2.7 V to 5.5 V
1
20
REF1
9
12
REF2
10
11
NC
Connect to GND or
External Reference
Current Sense
Output 3
Current Sense
Output 2
IN+4
OUT4
GND
IN±4
IN±3
OUT3
IN+3
REF4
REF3
NC
Figure 8-15. Quad-Channel Recommended Layout
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
36
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com