Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 32 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA181 Datasheet HTML 28Page - Texas Instruments INA181 Datasheet HTML 29Page - Texas Instruments INA181 Datasheet HTML 30Page - Texas Instruments INA181 Datasheet HTML 31Page - Texas Instruments INA181 Datasheet HTML 32Page - Texas Instruments INA181 Datasheet HTML 33Page - Texas Instruments INA181 Datasheet HTML 34Page - Texas Instruments INA181 Datasheet HTML 35Page - Texas Instruments INA181 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 62 page
background image
input signal range up to 26 V at the IN+ and IN– input pins, regardless of whether or not the device has power
applied at the VS pin.
8.3.1 Common-Mode Transients Greater Than 26 V
With a small amount of additional circuitry, the INAx181 can be used in circuits that are subjected to transients
higher than 26 V, such as automotive applications. Use only Zener diodes or Zener-type transient absorbers
(sometimes referred to as transorbs)—any other type of transient absorber has an unacceptable time delay.
Start by adding a pair of resistors as a working impedance for the Zener diode. See Figure 8-9. Keep these
resistors as small as possible; most often, around 10 Ω. Larger values can be used with an effect on gain
that is discussed in the Signal Filtering section. This circuit limits only short-term transients; therefore, many
applications are satisfied with a 10-Ω resistor along with conventional Zener diodes of the lowest acceptable
power rating. This combination uses the least amount of board space. These diodes can be found in packages
as small as SOT-523 or SOD-523.
VS
Single-Channel
TI Device
VS
2.7 V to 5.5 V
IN±
IN+
GND
OUT
REF
+
±
Output
RPROTECT
< 10
RSENSE
Bus Supply
±0.2 V to +26 V
Load
CBYPASS
0.1 µF
Figure 8-9. Transient Protection Using Dual Zener Diodes
In the event that low-power Zener diodes do not have sufficient transient absorption capability, a higher-power
transzorb must be used. The most package-efficient solution involves using a single transzorb and back-to-back
diodes between the device inputs, as shown in Figure 8-10. The most space-efficient solutions are dual, series-
connected diodes in a single SOT-523 or SOD-523 package. In either of the examples shown in Figure 8-9 and
Figure 8-10, the total board area required by the INAx181 with all protective components is less than that of an
SO-8 package, and only slightly greater than that of an MSOP-8 package.
VS
VS
2.7 V to 5.5 V
CBYPASS
0.1 µF
Single-Channel
TI Device
Transorb
Output
IN±
IN+
GND
OUT
REF
+
±
< 10
< 10
RSENSE
Bus Supply
±0.2 V to +26 V
Load
Figure 8-10. Transient Protection Using a Single Transorb and Input Clamps
For more information, see the Current Shunt Monitor With Transient Robustness reference design.
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
32
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com