Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA181 Datasheet HTML 3Page - Texas Instruments INA181 Datasheet HTML 4Page - Texas Instruments INA181 Datasheet HTML 5Page - Texas Instruments INA181 Datasheet HTML 6Page - Texas Instruments INA181 Datasheet HTML 7Page - Texas Instruments INA181 Datasheet HTML 8Page - Texas Instruments INA181 Datasheet HTML 9Page - Texas Instruments INA181 Datasheet HTML 10Page - Texas Instruments INA181 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 62 page
background image
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)(1)
MIN
MAX
UNIT
Supply voltage, VS
6
V
Analog inputs, IN+, IN– (2)
Differential (VIN+) – (VIN–)
–26
26
V
Common-mode (3)
GND – 0.3
26
Input voltage range
at REF pin
GND – 0.3
VS + 0.3
V
Output Voltage
GND – 0.3
VS + 0.3
V
Maximum output current, IOUT
8
mA
Operating fee-air temperature, TA
–55
150
°C
Junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
Operation outside the Absolute Maximum Ratings may cause permanent device damage. Absolute Maximum Ratings do not imply
functional operation of the device at these or any other conditions beyond those listed under Recommended Operating Conditions.
If used outside the Recommended Operating Conditions but within the Absolute Maximum Ratings, the device may not be fully
functional, and this may affect device reliability, functionality, performance, and shorten the device lifetime.
(2)
VIN+ and VIN– are the voltages at the IN+ and IN– pins, respectively.
(3)
Input voltage at any pin can exceed the voltage shown if the current at that pin is limited to 5 mA.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±3000
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VCM
Common-mode input voltage (IN+ and IN–)
–0.2
12
26
V
VS
Operating supply voltage
2.7
5
5.5
V
TA
Operating free-air temperature
–40
125
°C
6.4 Thermal Information
THERMAL METRIC (1)
INA181
INA2181
INA4181
UNIT
DCK (SC70)
DBV (SOT-23)
DSQ (WSON)
DGS (VSSOP)
PW (TSSOP)
6 PINS
6 PINS
10 PINS
10 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
188.0
198.7
74.5
177.3
97.0
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
140.8
120.9
89.7
68.7
37.7
°C/W
RθJB
Junction-to-board thermal resistance
78.8
52.3
39.8
98.4
48.3
°C/W
ψJT
Junction-to-top characterization parameter
62.1
30.3
3.7
12.6
3.6
°C/W
ψJB
Junction-to-board characterization parameter
78.5
52.0
39.7
96.9
47.9
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
N/A
N/A
16.8
N/A
N/A
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
www.ti.com
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com