Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 28 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 28 Page - Texas Instruments

Back Button INA181 Datasheet HTML 24Page - Texas Instruments INA181 Datasheet HTML 25Page - Texas Instruments INA181 Datasheet HTML 26Page - Texas Instruments INA181 Datasheet HTML 27Page - Texas Instruments INA181 Datasheet HTML 28Page - Texas Instruments INA181 Datasheet HTML 29Page - Texas Instruments INA181 Datasheet HTML 30Page - Texas Instruments INA181 Datasheet HTML 31Page - Texas Instruments INA181 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 62 page
background image
An example output response of a summing configuration is shown in Figure 8-4. The reference pin of the first
circuit is connected to ground, and sine waves at different frequencies are applied to the two circuits to produce
a summed output as shown. The sine wave voltage input for the first circuit is offset so that the whole wave is
above GND.
Time (4 ms/div)
Output
Inputs
VREF = 0 V
Figure 8-4. Current Summing Application Output Response (A2 Devices)
8.1.5 Detecting Leakage Currents
Occasionally, the need arises to confirm that the current going into a load is identical to the current coming
out of a load; typically, as part of diagnostic testing or fault detection. This situation requires precision current
differencing, which is the same as summing, except that the two amplifiers have the inputs connected opposite
of each other. To correctly detect leakage currents, the values for the current sense resistor RSENSE must be the
same for all channels. Provide an external reference voltage to the REF1 input to allow bidirectional leakage
current detection.
If the current into a load is equal to the current out of the load, then the voltage at OUT2 is the same as the
applied voltage to REF1. To enable accurate differences between the two currents, a reference voltage must be
applied. The reference voltage prevents the output of the device from being driven to ground, and also enables
detection if the current into the load is either greater than or less than the current coming out of the load.
For current differencing, the dual-channel INA2181 must have the inputs connected opposite to each other, as
shown in Figure 8-5. The reference input of the first channel sets the output quiescent level for all the devices
in the string. Connect the output of the first channel to the reference input of the second channel. The reference
input of the first channel sets the reference at the output. This circuit example is identical to the current summing
example, except that the two shunt inputs are reversed in polarity. Under normal operating conditions, the final
output is very close to the reference value and proportional to any current difference. This current differencing
circuit is useful in detecting when current into and out of a load do not match.
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
28
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com