Electronic Components Datasheet Search
  English  ▼

X  

INA181 Datasheet(PDF) 30 Page - Texas Instruments

Part # INA181
Description  INAx181 Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA181 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA181 Datasheet HTML 26Page - Texas Instruments INA181 Datasheet HTML 27Page - Texas Instruments INA181 Datasheet HTML 28Page - Texas Instruments INA181 Datasheet HTML 29Page - Texas Instruments INA181 Datasheet HTML 30Page - Texas Instruments INA181 Datasheet HTML 31Page - Texas Instruments INA181 Datasheet HTML 32Page - Texas Instruments INA181 Datasheet HTML 33Page - Texas Instruments INA181 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 62 page
background image
8.2 Typical Application
One application for the INAx181 is to monitor bidirectional currents. Bidirectional currents are present in systems
that have to monitor currents in both directions; common examples are monitoring the charging and discharging
of batteries and bidirectional current monitoring in motor control. The device configuration for bidirectional
current monitoring is shown in Figure 8-7. Applying stable REF pin voltage closer to the middle of device supply
voltage allows both positive- and negative-current monitoring, as shown in this configuration. Configure the
INAx181 to monitor unidirectional currents by grounding the REF pin.
Power Supply, VS
2.7 V to 5.5 V
VS
CBYPASS
0.1 µF
Single-Channel
TI Device
Bus Voltage
±0.2 V to +26 V
RSENSE
GND
Load
IN±
IN+
REF
+
±
OUT
Output
+
±
Reference
Voltage
Figure 8-7. Measuring Bidirectional Current
8.2.1 Design Requirements
The design requirements for the circuit shown in Figure 8-7, are listed in Table 8-3.
Table 8-3. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Power-supply voltage, VS
5 V
Bus supply rail, VCM
12 V
RSENSE power loss
< 450 mW
Maximum sense current, IMAX
±20 A
Current sensing error
Less than 3.5% at maximum current, TJ = 25°C
Small-signal bandwidth
> 100 kHz
8.2.2 Detailed Design Procedure
The maximum value of the current sense resistor is calculated based on the maximum power loss requirement.
By applying Equation 2, the maximum value of the current-sense resistor is calculated to be 1.125 mΩ. This is
the maximum value for sense resistor RSENSE; therefore, select RSENSE to be 1 mΩ because this value is the
closest standard resistor value that meets the power-loss requirement.
The next step is to select the appropriate gain and reduce RSENSE, if needed, to keep the output signal swing
within the VS range. The design requirements call for bidirectional current monitoring; therefore, a voltage
between 0 and VS must be applied to the REF pin. The bidirectional currents monitored are symmetric around 0
(that is, ±20 A); therefore, the ideal voltage to apply to VREF is VS / 2 or 2.5 V. If the positive current is greater
than the negative current, using a lower voltage on VREF has the benefit of maximizing the output swing for
the given range of expected currents. Using Equation 3, and given that IMAX = 20 A , RSENSE = 1 mΩ, and
VREF = 2.5 V, the maximum current-sense gain calculated to avoid the positive swing-to-rail limitations on the
output is 122.5. Likewise, using Equation 4 for the negative-swing limitation results in a maximum gain of 124.75.
INA181, INA2181, INA4181
SBOS793H – APRIL 2017 – REVISED NOVEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: INA181 INA2181 INA4181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com