Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 16 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 16 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 12Page - Texas Instruments OPA320 Datasheet HTML 13Page - Texas Instruments OPA320 Datasheet HTML 14Page - Texas Instruments OPA320 Datasheet HTML 15Page - Texas Instruments OPA320 Datasheet HTML 16Page - Texas Instruments OPA320 Datasheet HTML 17Page - Texas Instruments OPA320 Datasheet HTML 18Page - Texas Instruments OPA320 Datasheet HTML 19Page - Texas Instruments OPA320 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
4
3
2
1
0
–1
2
3
4
–
–
–
–500
1000
Time (µs)
–250
0
750
250
500
V
I
V
O
16
OPA320-Q1, OPA2320-Q1
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
www.ti.com
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Rail-to-Rail Input
The OPAx320-Q1 feature true rail-to-rail input operation, with supply voltages as low as ±0.9 V (1.8 V). The
design of the OPAx320-Q1 amplifiers include an internal charge-pump that powers the amplifier input stage with
an internal supply rail at approximately 1.6 V above the external supply (V+). This internal supply rail allows the
single differential input pair to operate and remain very linear over a very wide input common-mode range. A
unique zero-crossover input topology eliminates the input offset transition region typical of many rail-to-rail,
complementary input stage operational amplifiers. This topology allows the OPAx320-Q1 to provide superior
common-mode performance (CMRR > 110 dB, typical) over the entire common-mode input range, which extends
100 mV beyond both power-supply rails. When driving analog-to-digital converters (ADCs), the highly linear V(CM)
range of the OPAx320-Q1 provides maximum linearity and lowest distortion.
7.4.2 Phase Reversal
The OPAx320-Q1 op amps are designed to be immune to phase reversal when the input pins exceed the supply
voltages, and thus provide further in-system stability and predictability. Figure 35 shows the input voltage
exceeding the supply voltage without any phase reversal.
VS = ±2.5 V
Figure 35. No Phase Reversal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com