Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 17 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 17 Page - Texas Instruments

Back Button OPA320 Datasheet HTML 13Page - Texas Instruments OPA320 Datasheet HTML 14Page - Texas Instruments OPA320 Datasheet HTML 15Page - Texas Instruments OPA320 Datasheet HTML 16Page - Texas Instruments OPA320 Datasheet HTML 17Page - Texas Instruments OPA320 Datasheet HTML 18Page - Texas Instruments OPA320 Datasheet HTML 19Page - Texas Instruments OPA320 Datasheet HTML 20Page - Texas Instruments OPA320 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
OPA320-Q1
V
O
V
(V+)
V
(V–)
C
(D)
R
10 MΩ
(F)
C
< 1 pF
(F)
(1)
l
17
OPA320-Q1, OPA2320-Q1
www.ti.com
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
Product Folder Links: OPA320-Q1 OPA2320-Q1
Submit Documentation Feedback
Copyright © 2014–2018, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The OPAx320-Q1 can be used in a wide range of applications, such as transimpedance amplifiers, high-
impedance sensors, active filters, and driving ADCs.
8.2 Typical Applications
8.2.1 Transimpedance Amplifier
Wide gain bandwidth, low input bias current, low input voltage, and current noise make the OPAx320-Q1 an
excellent wideband photodiode transimpedance amplifier. Low-voltage noise is important because photodiode
capacitance causes the effective noise gain of the circuit to increase at high frequency.
The key elements to a transimpedance design, as shown in Figure 36, are the expected diode capacitance
(C(D)), which should include the parasitic input common-mode and differential-mode input capacitance (4 pF + 5
pF); the desired transimpedance gain (R(FB)); and the gain-bandwidth (GBW) for the OPAx320-Q1 (20 MHz).
With these three variables set, the feedback capacitor value (C(FB)) can be set to control the frequency response.
C(FB) includes the stray capacitance of R(FB), which is 0.2 pF for a typical surface-mount resistor.
(1) C(FB) is optional to prevent gain peaking. C(FB) includes the stray capacitance of R(FB).
Figure 36. Dual-Supply Transimpedance Amplifier
8.2.1.1 Design Requirements
PARAMETER
VALUE
Supply voltage V(V+)
2.5 V
Supply voltage V(V–)
–2.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com