Electronic Components Datasheet Search
  English  ▼

X  

OPA320 Datasheet(PDF) 1 Page - Texas Instruments

Part # OPA320
Description  OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

OPA320 Datasheet(HTML) 1 Page - Texas Instruments

  OPA320 Datasheet HTML 1Page - Texas Instruments OPA320 Datasheet HTML 2Page - Texas Instruments OPA320 Datasheet HTML 3Page - Texas Instruments OPA320 Datasheet HTML 4Page - Texas Instruments OPA320 Datasheet HTML 5Page - Texas Instruments OPA320 Datasheet HTML 6Page - Texas Instruments OPA320 Datasheet HTML 7Page - Texas Instruments OPA320 Datasheet HTML 8Page - Texas Instruments OPA320 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
100
80
60
40
20
0
–20
40
60
80
100
–
–
–
–
–3
3
Common-Mode Voltage (V)
–2.5 –2 –1.5
0.5
0
–0.5
–1
1
1.5
2
2.5
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
OPA320-Q1, OPA2320-Q1
SLOS884B – SEPTEMBER 2014 – REVISED DECEMBER 2018
OPAx320-Q1 Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,
CMOS Operational Amplifier
1
1 Features
1
•
Qualified for Automotive Applications
•
AEC-Q100 Qualified with the Following Results:
–
Device Temperature Grade 1: –40°C to 125°C
Ambient Operating Temperature Range
–
Device HBM ESD Classification Level 2
–
Device CDM ESD Classification Level C4B
•
Precision with Zero-Crossover Distortion:
–
Low Offset Voltage: 150 µV (max)
–
High CMRR: 114 dB
–
Rail-to-Rail I/O
•
Low Input Bias Current: 0.9 pA (max)
•
Low Noise: 7 nV/
√Hz at 10kHz
•
Wide Bandwidth: 20 MHz
•
Slew Rate: 10 V/µs
•
Quiescent Current: 1.45 mA/ch
•
Single-Supply Voltage Range: 1.8 to 5.5 V
•
Unity-Gain Stable
•
Small VSSOP Package
2 Applications
•
Automotive
•
High-Z Sensor Signal Conditioning
•
Transimpedance Amplifiers
•
Test and Measurement Equipment
•
Programmable Logic Controllers (PLCs)
•
Motor Control Loops
•
Communications
•
Input and Output ADC and DAC Buffers
•
Active Filters
3 Description
The OPA320-Q1 and OPA2320-Q1 (OPAx320-Q1)
devices are a new generation of precision low-voltage
CMOS operational amplifiers (op amps) optimized for
very low noise and wide bandwidth. These devices
operate on a low quiescent current of only 1.45 mA.
The OPAx320-Q1 are an excellent choice for low-
power,
single-supply
applications.
Low-noise
(7
nV/
√Hz) and high-speed operation also makes these
devices an excellent choice for driving sampling
analog-to-digital
converters
(ADCs).
Other
applications include signal conditioning and sensor
amplification.
The OPAx320-Q1 feature a linear input stage with
zero-crossover
distortion
that
delivers
excellent
common-mode rejection ratio (CMRR) of 114 dB
(typical) over the full input range. The input common-
mode range extends 100 mV beyond the negative
and positive supply rails. The output voltage typically
swings within 10 mV of the rails.
In addition, the OPAx320-Q1 have a wide supply
voltage range from 1.8 V to 5.5 V, with excellent
PSRR (106 dB) over the entire supply range. These
features
make
the
OPAx320-Q1
suitable
for
precision, low-power applications that run directly
from batteries without regulation.
The OPAx320-Q1 device is available in an 8-pin
VSSOP (DGK) package.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
OPA320-Q1
SOT (5)
2.90 mm x 1.60 mm
OPA2320-Q1
VSSOP (8)
3.00 mm × 3.00 mm
(1) For all available packages, see the package option addendum
at the end of the datasheet.
Zero Crossover Distortion: Low Offset Voltage


Similar Part No. - OPA320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA320 TI1-OPA320 Datasheet
1Mb / 31P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
NOVEMBER2011
logo
National Semiconductor ...
OPA320 NSC-OPA320 Datasheet
1Mb / 37P
Precision, 20MHz, 0.9pA, Low-Noise, RRIO, CMOS Operational Amplifier with Shutdown
logo
Texas Instruments
OPA320 TI2-OPA320 Datasheet
2Mb / 58P
OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED DECEMBER 2016
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI2-OPA320-Q1 Datasheet
2Mb / 58P
OPAx320x Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED DECEMBER 2016
More results

Similar Description - OPA320

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2320-Q1 TI-OPA2320-Q1_15 Datasheet
1Mb / 31P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO,CMOS Operational Amplifier
OPA2314-Q1 TI-OPA2314-Q1_15 Datasheet
1Mb / 28P
OPA2314-Q1 3-MHz, Low-Power, Low-Noise, RRIO, 1.8-V CMOS Operational Amplifier
OPA2325 TI1-OPA2325 Datasheet
2Mb / 32P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA320-Q1 TI1-OPA320-Q1 Datasheet
1Mb / 34P
Precision, 20-MHz, 0.9-pA, Low-Noise, RRIO, CMOS Operational Amplifier
OPA2325 TI1-OPA2325_18 Datasheet
2Mb / 34P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifier
OPA325 TI1-OPA325 Datasheet
3Mb / 42P
Precision, 10-MHz, Low-Noise, Low-Power, RRIO, CMOS Operational Amplifiers
OPA2328 TI-OPA2328 Datasheet
1Mb / 23P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
FEBRUARY 2022
OPA2328 TI-OPA2328_V01 Datasheet
1Mb / 27P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifier With Shutdown
REVISED JUNE 2022
OPA328 TI-OPA328 Datasheet
1Mb / 31P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED NOVEMBER 2022
OPA328 TI-OPA328_V01 Datasheet
1Mb / 32P
OPAx328 Precision, 40-MHz, 1.0-pA, Low-Noise, RRIO, CMOS Operational Amplifiers With Shutdown
REVISED MAY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com